Electronic Components Datasheet Search
  English  ▼

X  

SPVE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPVE
Description  Compact One-way Operation Type Detector Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPVE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPVE Datasheet HTML 1Page - List of Unclassifed Manufacturers SPVE Datasheet HTML 2Page - List of Unclassifed Manufacturers SPVE Datasheet HTML 3Page - List of Unclassifed Manufacturers SPVE Datasheet HTML 4Page - List of Unclassifed Manufacturers SPVE Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Detector
246
Power
Push
Slide
Rotary
Encoders
Dual-in-line
Package Type
Multi Control
Devices
TACT
Custom-
Products
One of the minimum size class of products in the industry with a size 3.4
×3.0 mm
appropriate for use in compact digital equipment.
Miniaturized for space saving design.
Double-sided sliding contact offers superior reliability.
Reflow solderable.
●
●
●
Features
For detecting batteries in DSCs and LCDs
For detecting the position of lids in mobile phones and laptop
computers
For detecting media in portable CD/MD players and 1/2 inch
FDDs
●
●
●
Products Line
Poles
1
1
h=3.8
h=4.1
h=4.8
h=5.2
h=5.5
h=3.3
h=4.75
Positions
Products
No.
Slider height
(mm)
h1=3.5
h1=3.8
h1=4.5
h1=4.9
h1=5.2
h1=3.0
h1=4.45
ON start
position
(mm)
h2=2.5
h2=2.9
h2=3.6
h2=4.0
h2=4.3
h2=2.0
h2=3.35
Total
travel
(mm)
Location
lug
Standard
Low-
profile
Mounting
method
Terminal
style
1
2
Drawing
No.
For PC board
(Reflow)
Operating life
0.1A 30V DC
0.3N max.
500m
Ω max./1Ω max.
50,000 cycles
Rating
(max.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial performance/After lifetime)
Operating force
50,000 cycles
(0.1A 12V DC)
Without load
With load
Typical Specifications
SPVE110100
SPVE110600
SPVE110401
SPVE110801
SPVE110200
SPVE110900
SPVE111300
SPVE111200
SPVE210100
SPVE210200
Without
With
Without
With
Without
With
―
Minimum packing
unit
(pcs.)
2,800
2,200
2,000
2,800
2,000
1. The dimensions indicates the standard type with a locating lug.
2. Additional switches not included in the above list are also available. Contact us for details.
Notes
For other detailed specifications, see P.303
For specifications for the taping package, see P.307
Applications
Compact One-way Operation Type Detector Switch
SPVE Series


Similar Part No. - SPVE

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVE ALPS-SPVE Datasheet
305Kb / 4P
Compact One-way Operation Type
SPVE110100 ALPS-SPVE110100 Datasheet
305Kb / 4P
Compact One-way Operation Type
SPVE110100 ALPS-SPVE110100 Datasheet
883Kb / 4P
Compact One-way Operation Type
SPVE110200 ALPS-SPVE110200 Datasheet
305Kb / 4P
Compact One-way Operation Type
SPVE110200 ALPS-SPVE110200 Datasheet
883Kb / 4P
Compact One-way Operation Type
More results

Similar Description - SPVE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVP ETC2-SPVP Datasheet
92Kb / 5P
Low-profile One-way Detector Switch
SPVM ETC2-SPVM Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPPW8 ALPS-SPPW8 Datasheet
305Kb / 4P
One-way Operation Type
SPVC1 ALPS-SPVC1 Datasheet
152Kb / 2P
One-way Operation Type
SPVE ALPS-SPVE Datasheet
305Kb / 4P
Compact One-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPPW8 ALPS-SPPW8_15 Datasheet
825Kb / 4P
One-way Operation Type
SPVE ALPS-SPVE_15 Datasheet
883Kb / 4P
Compact One-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
Compact Two-way Operation Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com