Electronic Components Datasheet Search
  English  ▼

X  

SP1490E Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP1490E
Description  Full Duplex RS-485 Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1490E Datasheet(HTML) 5 Page - Sipex Corporation

  SP1490E Datasheet HTML 1Page - Sipex Corporation SP1490E Datasheet HTML 2Page - Sipex Corporation SP1490E Datasheet HTML 3Page - Sipex Corporation SP1490E Datasheet HTML 4Page - Sipex Corporation SP1490E Datasheet HTML 5Page - Sipex Corporation SP1490E Datasheet HTML 6Page - Sipex Corporation SP1490E Datasheet HTML 7Page - Sipex Corporation SP1490E Datasheet HTML 8Page - Sipex Corporation SP1490E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Date: 5/11/05
SP1490E/1491E Full Duplex RS-485 Transceivers
© Copyright 2004 Sipex Corporation
The SP1490E and SP1491E are full-duplex dif-
ferential transceivers that meet the requirements
of RS-485 and RS-422. Fabricated with a Sipex
proprietary BiCMOS process, both products
require a fraction of the power of older bipolar
designs.
The RS-485 standard is ideal for multi-drop
applications or for long-distance interfaces.
RS-485 allows up to 32 drivers and 32 receivers
to be connected to a data bus, making it an ideal
choice for multi-drop applications. Since the
cabling can be as long as 4,000 feet, RS-485
transceivers are equipped with a wide (-7V to
+12V) common mode range to accommodate
ground potential differences. Because RS-485
is a differential interface, data is virtually
immune to noise in the transmission line.
Driver...
The drivers for both the SP1490E and SP1491E
have differential outputs. The typical voltage
output swing with no load will be 0 volts to +5
volts. With worst case loading of 54
Ω across the
differential outputs, the driver can maintain
greater than 1.5V voltage levels.
The driver of the SP1491E has a driver enable
control line which is active high. A logic high
on DE (pin 4) of the SP1491E will enable
the differential driver outputs. A logic low
on DE (pin 4) of the SP1491E will tri-state the
driver outputs. The SP1490E does not have a
driver enable.
Receiver...
The receivers for both the SP1490E and
SP1491E have differential inputs with an input
sensitivity as low as
±200mV. Input impedance
of the receivers is typically 15K
Ω (12KΩ mini-
mum). A wide common mode range of -7V to
+12V allows for large ground potential differ-
ences between systems. The receivers for both
the SP1490E and SP1491E are equipped with
the fail-safe feature. Fail-safe guarantees that
the receiver output will be in a high state when
the input is left unconnected and floating.
The receiver of the SP1491E has a receiver
enable control line which is active low. A logic
low on REB (pin 3) of the SP1491E will enable
the differential receiver. A logic high on REB
(pin 3) of the SP1491E will tri-state the re-
ceiver.
S
T
U
P
N
IS
T
U
P
T
U
O
E
D
y
l
n
o
E
1
9
4
1
P
S
I
DY
Z
1
1
0
1
0
x
1
0
z
0
1
z
INPUTS
OUTPUTS
RE
SP1491E
A-B
R
0
0
0
1
+0.2V
-0.2V
open
x
1
0
1
z
Transmit Function Truth Table
Recieve Function Truth Table
only
DETAILED DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com