Electronic Components Datasheet Search
  English  ▼

X  

SP3T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP3T
Description  PIN Diode Switches 0.5 to 18.0GHz Non-Reflective
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP3T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP3T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Cranfield Innovation Centre, University Way, Cranfield Technology Park, Cranfield, Bedfordshire, MK43 0BT, United Kingdom
Telephone: #44 (0)1234 756034
e-mail:
enquiries@smslimited.co.uk
Fax: #44 (0) 1234 756035
Web page:
www.smslimited.co.uk
July 00/2
All specifications subject to change without notice
Description:
The SMS-331-00DT range of SP3T PIN diode
switches are packaged in miniature, silver
plated housings with SMA connectors. The
SMA connectors can be removed to allow direct integration into microstrip circuits if required and all units
contain TTL compatible drivers. Ports J2, J3 and J4 are internally terminated to maintain VSWR when the
switch is isolating. Optional surface finish is available, see note below for options.
Specifications: (indicated values @ +25° C)
Frequency
Range (GHz)
Max
Insertion
Loss (dB)
Max
VSWR
(Ratio)
Min
Isolation
(dB)
Max
Switching
Speed (ns)
Max Power
Peak/CW
(mW)
Part Number
0.5 – 2.0
1.6
1.5:1
50
30
100
SMS-331-01DT
0.5 – 6.0
2.1
1.6:1
50
30
100
SMS-331-02DT
6.0 – 12.0
2.8
1.7:1
60
30
100
SMS-331-03DT
12.0 – 18.0
3.4
1.9:1
55
30
100
SMS-331-04DT
6.0 – 18.0
3.4
1.9:1
55
30
100
SMS-331-05DT
0.5 – 18.0
3.4
1.9:1
55
30
100
SMS-331-06DT
Notes:
1.
Power supplies: +5V @ 100mA max, -5V @ 50mA max.
2.
Total switching time is defined as 50% TTL to 10/90% detected RF.
3.
3 Individual TTL compatible control lines are provided. TTL ‘0’ = low loss, TTL’1’ = isolation.
4.
TTL Control Voltage should be = or < positive supply voltage at all times.
5.
Operating temperature range –40° to +85° C. Storage temperature range –55° to +125° C.
6.
Third angle projection, all dimensions in mm.
7.
Port J1 = RF common , Port J2 = RF input/output, Port J3 = RF input/output, Port J4 = RF input/output.
8.
Options:
Add the following identifiers as suffixes to the part numbers above, i.e. SMS -331-01DTP.
P = Finish Matt black paint to DTD5555A.
The switch is available without integral drivers to allow users to externally optimise bias levels. Please consult the factory for detail
information.
Please contact the factory for any custom requirements or applications assistance.
SP3T PIN Diode Switches
0.5 to 18.0GHz
Non-Reflective
Features:
•
Removable SMA Connectors
•
Integral TTL Compatible Drivers
•
Internally Terminated
•
Miniature Outline
•
Very Fast Switching
• Low Loss and
High Isolation


Similar Part No. - SP3T

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
SP3T ATM-SP3T Datasheet
75Kb / 1P
0.5-18 GHz PIN DIODE SWITCHES
More results

Similar Description - SP3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISTS149 ETC1-ISTS149 Datasheet
62Kb / 3P
REFLECTIVE OPTICAL SWITCHES
logo
Tyco Electronics
MA4AGSW1A MACOM-MA4AGSW1A Datasheet
243Kb / 15P
AlGaAs SPST Non-Reflective PIN Diode Switch
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
AlGaAs SP5T Reflective PIN Diode Switch
MA4SW510 MACOM-MA4SW510 Datasheet
216Kb / 5P
SP5T PIN Diode Reflective Switch
MASWML010 MACOM-MASWML010 Datasheet
74Kb / 1P
SPDT Non Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
logo
Advanced Technical Mate...
S1517D ATM-S1517D Datasheet
75Kb / 1P
0.5-18 GHz PIN DIODE SWITCHES
logo
M/A-COM Technology Solu...
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
logo
American Accurate Compo...
JXWBKG-1-213-111 AAC-JXWBKG-1-213-111 Datasheet
108Kb / 2P
Reflective Switches 0.02 to 18GHz
logo
M/A-COM Technology Solu...
MA4AGSW1A_V5 MA-COM-MA4AGSW1A_V5 Datasheet
177Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
SPST Non-Reflective AlGaAs PIN Diode Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com