Electronic Components Datasheet Search
  English  ▼

X  

SP1490ECN Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP1490ECN
Description  Full Duplex RS-485 Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1490ECN Datasheet(HTML) 1 Page - Sipex Corporation

  SP1490ECN Datasheet HTML 1Page - Sipex Corporation SP1490ECN Datasheet HTML 2Page - Sipex Corporation SP1490ECN Datasheet HTML 3Page - Sipex Corporation SP1490ECN Datasheet HTML 4Page - Sipex Corporation SP1490ECN Datasheet HTML 5Page - Sipex Corporation SP1490ECN Datasheet HTML 6Page - Sipex Corporation SP1490ECN Datasheet HTML 7Page - Sipex Corporation SP1490ECN Datasheet HTML 8Page - Sipex Corporation SP1490ECN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Date: 5/11/05
SP1490E/1491E Full Duplex RS-485 Transceivers
© Copyright 2004 Sipex Corporation
SP1490E/SP1491E
Full Duplex RS-485 Transceivers
■ +5V Only
■ Low Power BiCMOS
■ Driver/Receiver Enable (SP1491E)
■ RS-485 and RS-422 Drivers/Receivers
■ Pin Compatible with SN75179
(SP1490E)
■ Pin Compatible with SN75180
(SP1491E)
■ Improved ESD Specifications
±15kV Human Body Model
±15kV IEC1000-4-2 Air Discharge
±8kV IEC1000-4-2 Contact Discharge
SP1490E
SP1491E
®
1
2
3
4
5
6
7
8
VCC
SP1490E
8 Pin - nSOIC
DI
Y
RO
B
A
Z
GND
DESCRIPTION
FEATURES
APPLICATIONS
■ Industial Networks ■ Telecom
■ Motor Control
The SP1490E is a low power differential line driver/receiver meeting RS-485 and RS-422
standards up to 20Mbps. The SP1491E is identical to the SP1490E with the addition of driver
and receiver tri-state enable lines. Both products feature ±200mV receiver input sensitivity,
over wide common mode range. The SP1490E is available in 8-pin plastic DIP and 8-pin
NSOIC packages for operation over the commercial and industrial temperature ranges. The
SP1491E is available in 14-pin DIP and 14-pin NSOIC packages for operation over the
commercial and industrial temperature ranges.
BLOCK DIAGRAM
■ HVAC/ Building Control
1
2
3
4
5
6
7
8
R
D
Vcc
GND
RO
DI
A
B
Z
Y
6
1
2
3
4
5
7
8
Vcc
GND
RO
DI
A
B
Z
Y
R
D
9
10
11
12
13
14
NC
REB
DE
GND
NC
NC


Similar Part No. - SP1490ECN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1490ECN SIPEX-SP1490ECN Datasheet
73Kb / 10P
Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP1490ECN-L EXAR-SP1490ECN-L Datasheet
575Kb / 8P
Full Duplex RS-485 Transceivers12345678VCC
SP1490ECN-L/TR EXAR-SP1490ECN-L/TR Datasheet
575Kb / 8P
Full Duplex RS-485 Transceivers12345678VCC
logo
Sipex Corporation
SP1490ECN/TR SIPEX-SP1490ECN/TR Datasheet
73Kb / 10P
Full Duplex RS-485 Transceivers
More results

Similar Description - SP1490ECN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
Full Duplex RS-485 Transceivers
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
Full Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485 AD-ADM3485_15 Datasheet
328Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com