Electronic Components Datasheet Search
  English  ▼

X  

SP1490ETR Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP1490ETR
Description  Full Duplex RS-485 Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1490ETR Datasheet(HTML) 3 Page - Sipex Corporation

  SP1490ETR Datasheet HTML 1Page - Sipex Corporation SP1490ETR Datasheet HTML 2Page - Sipex Corporation SP1490ETR Datasheet HTML 3Page - Sipex Corporation SP1490ETR Datasheet HTML 4Page - Sipex Corporation SP1490ETR Datasheet HTML 5Page - Sipex Corporation SP1490ETR Datasheet HTML 6Page - Sipex Corporation SP1490ETR Datasheet HTML 7Page - Sipex Corporation SP1490ETR Datasheet HTML 8Page - Sipex Corporation SP1490ETR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Date: 5/11/05
SP1490E/1491E Full Duplex RS-485 Transceivers
© Copyright 2004 Sipex Corporation
SP1490E/1491E RECEIVER
DC Characteristics
Differential Input Threshold
0.2
+0.2
Volts
-7V ≤ V
CM ≤ 12V
Input Hysteresis
70
mV
V
CM = 0V
Output Voltage High
3.5
Volts
I
O = -4mA, VID = +200mV
Output Voltage Low
0.4
Volts
I
O = +4mA, VID = -200mV
Input Resistance
12
15
kΩ
-7V ≤ V
CM ≤ 12V (1 unit load)
Input Current (A, B); V
IN = 12V
±1.0
mA
V
IN = 12V
Input Current (A, B); V
IN = -7V
-0.8
mA
V
IN = -7V
Short-Circuit Current
85
mA
0V ≤ V
O ≤ VCC
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SP1490E/1491E RECEIVER
AC Characteristics
Maximum Data Rate
20
Mbps
Receiver Input to Output
20
45
50
ns
t
PLH; RDIFF = 54Ω,
CL1
15pF
RO
A
B
A
B
DI
DE
3V
CL2
RDIFF
500
CL
Output
Under
Test
S1
S2
VCC
Figure 3. Driver/Receiver Timing Test Circuit
Figure 4. Driver Timing Test Load #2 Circuit
A
B
R
R
VOD
VOC
1K
1K
CRL
Receiver
Output
S1
S2
Test Point
VCC
Figure 1. Driver DC Test Load Circuit
Figure 2. Receiver Timing Test Load Circuit
C
L1 = CL2 = 100pF; Figures 3 & 8
Receiver Input to Output
20
45
50
ns
t
PHL; RDIFF = 54Ω,
C
L1 = CL2
= 100pF; Figures 3 & 8
Diff. Receiver Skew It
PLH-tPHLI5
10
ns
R
DIFF = 54Ω; CL1 = CL2 = 100pF;
Receiver Tplh/Tphl
40
70
ns
POWER REQUIREMENTS
Supply Voltage
+4.75
+5.25
Volts
Supply Current
900
µA
ENVIRONMENTAL AND
MECHANICAL
Operating Temperature
Commercial (_C_)
0
+70
°C
Industrial (_E_)
-40
+85
°C
Storage Temperature
-65
+150
°C
Package
Plastic DIP (_S_)
NSOIC (_N)
SPECIFICATIONS (continued)
T
MIN to TMAX and VCC = 5V ± 5% unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com