Electronic Components Datasheet Search
  English  ▼

X  

DW920K. Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DW920K.
Description  DW920K 7.2V Dual Position . Screwdriver and Drill.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW920K. Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DW920K. Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Advanced
Search
DW920K 7.2V Dual Position . Screwdriver and Drill.
No Further description
l Hinged handle with position lock for two grip positions (in-line and pistol grip)
l 15 position adjustable torque control for screwdriving into a variety of materia
screw sizes
l Variable speed and reverse switches for added versatility
l Electronic brake for increased control
l Heavy-duty quick release chuck
l Accepts all standard 6.35mm Hex. screwdriver bits
l Includes: 1 hour charger, 1 x battery and heavy-duty carry case
l
This product is available in following variations:
Technical Data -
Battery
1.3Ah (Ni-Cad)
No Load Speed 0-500rpm
Max. Torque
9Nm
Weight
1.0kg
Length
355mm
n
m
l
k
j
i
BATTERY, 7.2V - 1.3AH NI-CD
1+ £28.68
Page 1 of 2
CPC - 100'000 products from one of the world's leading distributors of electronic compo
...
15/08/03
http://custom1.farnell.com/cpc/product.asp?catalog%5Fname=CPC+Catalogue&product%5
...


Similar Part No. - DW920K.

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
DW9249 MITEL-DW9249 Datasheet
71Kb / 4P
112.32MHz SAW IF Filter
DW9255 MITEL-DW9255 Datasheet
34Kb / 5P
35.42MHz SAW Filter for GPS Receivers
DW9256 MITEL-DW9256 Datasheet
99Kb / 4P
133MHZ SAW Filter
DW9268 MITEL-DW9268 Datasheet
101Kb / 4P
240.192MHz IF SAW Filter Advance Information
More results

Similar Description - DW920K.

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5201 AD-AD5201 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
logo
Amphenol Corporation
FRJAE-408 AMPHENOL-FRJAE-408 Datasheet
117Kb / 1P
FRJAE ASSEMBLY, 6 POSITION AND 8 POSITION
logo
Analog Devices
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
256-Position and 33-Position Digital Potentiometers
REV. D
logo
List of Unclassifed Man...
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
161-12 ETC2-161-12 Datasheet
250Kb / 1P
Wiha Flag Handle and Offset Screwdriver.
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00230 ETC2-D00230 Datasheet
34Kb / 1P
Right Angle Drill Attachment
logo
Analog Devices
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
256-Position and 33-Position Digital Potentiometers
REV. D
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
logo
List of Unclassifed Man...
25960 ETC-25960 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com