Electronic Components Datasheet Search
  English  ▼

X  

SK2 Datasheet(PDF) 2 Page - Antex (Electronics) Limited

Part # SK2
Description  Soldering Irons
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANTEX [Antex (Electronics) Limited]
Direct Link  https://www.antex.co.uk/
Logo ANTEX - Antex (Electronics) Limited

SK2 Datasheet(HTML) 2 Page - Antex (Electronics) Limited

  SK2 Datasheet HTML 1Page - Antex (Electronics) Limited SK2 Datasheet HTML 2Page - Antex (Electronics) Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
in one package. The three kits differ only by the soldering iron contained therein.
Soldering irons in these kits are available
with options of UK or Europlug, or silicone
rubber cable. The TCK-50 kit comprises the
essential tools for the serious hobbyist or
service/repair shop. The adjustable 50 watt
temperature controlled TCS iron can be set
precisely to match the job in hand,
recognising that various components may
require protection against overheating. The
ST6 bench stand accommodates the iron
when not in use.
For solder removal from p.c.b.'s a "mini"
desolder pump is included and a 2 metre
length of 60/40 22 s.w.g. solder wire.
Soldering irons in this kit are available with options of UK or Europlug, or silicone rubber
cable.
SPECIFICATION
M
C
CS
XS
TCS
A545
NOMINAL POWER (W)
12
15
18
25
50
45
STANDARD VOLTAGE
230,115,24
230,115,24
230,115,24
230,115,24,12
230,115
24
OPTIONAL VO TAGES
L
100
100,50
100,50,12
100,50
100
-
TIP TEMP (° C)
370
370
390
420
200-450
200-450
FITTED BIT
10
820
1100
51
1100
1100
CABLE LENGTH (m)
1.5
1.5
1.5
1.5
1.5
1.5
CABLE TYPE
PVC
PVC
PVC
PVC
PVC
SILICONE
LEAK CURRENT (uA)
1.5
3.5
1.5
2.0
5.0
1.5
LENGTH TIP/HANDLE (mm)
147
147
182
200
222
222



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com