Electronic Components Datasheet Search
  English  ▼

X  

DB25SA197 Datasheet(PDF) 1 Page - ITT Industries

Part # DB25SA197
Description  Brand: Cannon Product Category: D Sub Product Line: D Sub Series: ORIGINAL D
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DB25SA197 Datasheet(HTML) 1 Page - ITT Industries

  DB25SA197 Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet for part number DB25SA197
Our Catalog Part Number: DB-25S-A197
Our Global Manufacturing Part Number: 121073-2057 D
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: ORIGINAL D
Product Datasheet
General
Standard D-Subminiature
Wire Gauge Range AWG
AWG 20-28
Mating Cycles
50
Dielectric Withstanding Voltage
1200 VAC at sea level
Current Rating
7.5 A at 85°C / 5 A at 105°C
Contact Resistance
10 milli Ohm max
Operating Temperature
-55°/+125°
Salt Spray Test
20 hours
Shell Material
steel
Shell Finish
tin
Insulator Material
Thermoplastic, type PCT UL 94V-0
Insulator Color
black
Contact Arrangement
25 contacts size 20
Gender
Socket
Contact Type
turned
Contact Material
copper alloy
Contact Finish
gold flash (Performance Class 3)
Contact Termination
Solder Pot
Mounting Methode
.120'' (3,05mm) Through Hole
Specifications and dimensions subject to change.
Page 1 of 1


Similar Part No. - DB25SA197

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DB25SA197 ITT-DB25SA197 Datasheet
9Mb / 301P
D Subminiature Connectors
More results

Similar Description - DB25SA197

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DAM11W1S ITT-DAM11W1S Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DBU-25P-K87-F0 ITT-DBU-25P-K87-F0 Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*U
logo
List of Unclassifed Man...
DAM11W1P ETC2-DAM11W1P Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DBM-25P ETC2-DBM-25P Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
DBMC-13X3SJ-K126 ETC2-DBMC-13X3SJ-K126 Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DCM17W5S ETC2-DCM17W5S Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DCM-37P-P ETC2-DCM-37P-P Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
DCMM8W8PK87 ETC2-DCMM8W8PK87 Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DCU-37P ETC2-DCU-37P Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*U
DEMM-9SE ETC2-DEMM-9SE Datasheet
36Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com