Electronic Components Datasheet Search
  English  ▼

X  

DS8113 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS8113
Description  Smart Card Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8113 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS8113 Datasheet HTML 1Page - Maxim Integrated Products DS8113 Datasheet HTML 2Page - Maxim Integrated Products DS8113 Datasheet HTML 3Page - Maxim Integrated Products DS8113 Datasheet HTML 4Page - Maxim Integrated Products DS8113 Datasheet HTML 5Page - Maxim Integrated Products DS8113 Datasheet HTML 6Page - Maxim Integrated Products DS8113 Datasheet HTML 7Page - Maxim Integrated Products DS8113 Datasheet HTML 8Page - Maxim Integrated Products DS8113 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The DS8113 smart card interface is a low-cost, analog
front-end for a smart card reader, designed for all ISO
7816, EMV™, and GSM11-11 applications. The DS8113
supports 5V, 3V, and 1.8V smart cards. The DS8113
provides options for low active- and stop-mode power
consumption, with as little as 10nA stop-mode current.
The DS8113 is designed to interface between a system
microcontroller and the smart card interface, providing
all power supply, ESD protection, and level shifting
required for IC card applications.
An EMV Level 1 certified library (written for the MAXQ2000
microcontroller) and hardware reference design is
available. Contact Maxim technical support at
micro.support@maxim-ic.com regarding requirements for
other microcontroller platforms. An evaluation kit,
DS8113-KIT, is available to aid in prototyping and
evaluation.
Applications
Consumer Set-Top Boxes
Access Control
Banking Applications
POS Terminals
Debit/Credit Payment Terminals
PIN Pads
Automated Teller Machines
Telecommunications
Pay/Premium Television
Features
o
Analog Interface and Level Shifting for IC Card
Communication
o
8kV (min) ESD (IEC) Protection on Card Interface
o
Ultra-Low Stop-Mode Current, Less Than 10nA
Typical
o
Internal IC Card Supply-Voltage Generation:
5.0V ±5%, 80mA (max)
3.0V ±8%, 65mA (max)
1.8V ±10%, 30mA (max)
o
Automatic Card Activation and Deactivation
Controlled by Dedicated Internal Sequencer
o
I/O Lines from Host Directly Level Shifted for
Smart Card Communication
o
Flexible Card Clock Generation, Supporting
External Crystal Frequency Divided by 1, 2, 4, or 8
o
High-Current, Short-Circuit and High-Temperature
Protection
o
Low Active-Mode Current
Smart Card Interface
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
Rev 1; 2/08
Note: Contact the factory for availability of other variants and
package options.
+Denotes a lead-free package.
EMV is a trademark owned by EMVCo LLC.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may be
simultaneously available through various sales channels. For information about device errata, go to:
www.maxim-ic.com/errata.
PART
TEMP RANGE
PIN-PACKAGE
DS8113-RNG+
-40
°C to +85°C
28 SO
Selector Guide appears at end of data sheet.
PGND
28
27
26
25
24
23
22
AUX2IN
AUX1IN
I/OIN
XTAL2
TOP VIEW
DS8113
XTAL1
OFF
GND
21 VDD
20 RSTIN
19 CMDVCC
18 1_8V
17 VCC
16 RST
15 CLK
5V/3V
CLKDIV2
CLKDIV1
CP1
VDDA
VUP
PRES
PRES
I/O
AUX2
AUX1
4
1
2
3
5
6
7
8
9
10
11
12
13
14
CGND
CP2
SO
Pin Configuration


Similar Part No. - DS8113

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
227Kb / 17P
Smart Card Interface
19-5216; Rev 3; 4/10
DS8113-JNG+ MAXIM-DS8113-JNG+ Datasheet
227Kb / 17P
Smart Card Interface
19-5216; Rev 3; 4/10
DS8113-RNG+ MAXIM-DS8113-RNG+ Datasheet
227Kb / 17P
Smart Card Interface
19-5216; Rev 3; 4/10
DS8113 MAXIM-DS8113_10 Datasheet
227Kb / 17P
Smart Card Interface
19-5216; Rev 3; 4/10
More results

Similar Description - DS8113

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
SMART CARD INTERFACE
Dec-1992
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
Smart Card Interface
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
Smart Card Interface
Rev 2; 2/12
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com