Electronic Components Datasheet Search
  English  ▼

X  

8148 Datasheet(PDF) 2 Page - SNA Europe

Part # 8148
Description  Ultra-Flush® Precision Cut Diagonal Cutter with Tapered & Relieved Head & ESD Safe Handle 0.1-0.8 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINDSTROM [SNA Europe]
Direct Link  https://www.lindstromtools.com/
Logo LINDSTROM - SNA Europe

8148 Datasheet(HTML) 2 Page - SNA Europe

  8148 Datasheet HTML 1Page - SNA Europe 8148 Datasheet HTML 2Page - SNA Europe  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Contact: info@lindstromtools.com / www.lindstromtools.com
PRODUCT ATTRIBUTES
Product: 8148
Tapered & Relieved
S
Ultra-Flush ®
0.1-0.8 mm
0.00-0.03 in
110.5 mm
4.33 in
10 mm
0,39 in
10 mm
0.39 in
6 mm
0,24 inch
0,8 mm
0,03 in
45 g
Dissipative



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com