Electronic Components Datasheet Search
  English  ▼

X  

35305 Datasheet(PDF) 1 Page - MENDA

Part # 35305
Description  ONE-TOUCH, PUMP ONLY, NO STEM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35305 Datasheet(HTML) 1 Page - MENDA

  35305 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2016 DESCO INDUSTRIES INC.
Employee Owned
DRAWING
NUMBER
35300
DATE:
Aug.
2016
ONE-TOUCH, PUMP ONLY, NO STEM
One-Touch Pump:
•
“One-Touch” one-handed operation frees operator’s hands for use
•
Precision machined valves for smooth consistent operation
•
Recommended for one-handed dispensing of liquids, solvents, and
chemicals
•
Stainless-steel construction - No silicone or latex - suitable for ultra
clean environments
•
Cam-lock hinge keeps lid open and closed, reduces odors
•
Compatible with any 38-400 threaded neck container
•
Dispenses approximately 0.2cc of liquid with each pump
Pump Material
Stainless-Steel
Locks for Travel
No
Neck Size / Thread
38-400
Lid-Type
Cam-lock hinge lid
Gasket Material
LDPE
Specifications and procedures subject to change without notice. Unless otherwise noted, tolerance is ±10%.
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (909) 627-2453
WEBSITE: MendaPump.com
Made in the
United States of America
11/16”
(17 mm)
1-1/8”
(29 mm)
1-11/16”
(43 mm)
Limited Warranty, Warranty Exclusions, Limit of Liability and RMA
Request Instructions:
Before using, users shall determine the suitability of the product for
their intended use, and users assume all risk and liability whatsoever
in connection therewith. See the Menda Terms and Conditions -
Mendapump.com/Terms-And-Conditions.aspx
Pump Care:
Some types of fluids may leave a residue in the mechanism of the dispenser.
Over time, this can reduce the performance of the pump.
Occasional cleaning is recommended to maintain your unit to original efficiency.
Clean by flushing the mechanism thoroughly with warm soapy water. Flush the
mechanism again with clean water to remove any soap residue. Do not boil or
steam the dispenser. For long periods of inactivity, pumps should be flushed
free of liquid and stored inverted in a dry place.


Similar Part No. - 35305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35305 ETC2-35305 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
35305 ETC2-35305 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
logo
Wiha Tools
35305 WIHA-35305 Datasheet
268Kb / 1P
13 Pc. Inch Hex L-key Set - Nickel Finish
logo
FIBOX Enclosing innovat...
3530537 FIBOX-3530537 Datasheet
58Kb / 2P
Size 1 1xM40
14.08.2023
3530542 FIBOX-3530542 Datasheet
59Kb / 2P
Base, PC
31.07.2023
More results

Similar Description - 35305

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1326 POMONA-1326 Datasheet
37Kb / 1P
Double Banana Plug One End Only
3780 POMONA-3780 Datasheet
23Kb / 1P
Minigrabber Test Clip, One End Only
logo
ATMEL Corporation
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
One-channel Touch Sensor IC
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
One-channel Touch Sensor IC
logo
Bud Industries, Inc.
RL-7766 BUD-RL-7766 Datasheet
31Kb / 1P
STEM LEVELER
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
ATMEL Corporation
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
One-time Programmable, Read-only Memory
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
One channel LED Touch Dimmer
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
one touch push pull lock
logo
List of Unclassifed Man...
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
One-touch Fittings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com