Electronic Components Datasheet Search
  English  ▼

X  

IRGP35B60PD Datasheet(PDF) 5 Page - International Rectifier

Part # IRGP35B60PD
Description  SMPS IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP35B60PD Datasheet(HTML) 5 Page - International Rectifier

  IRGP35B60PD Datasheet HTML 1Page - International Rectifier IRGP35B60PD Datasheet HTML 2Page - International Rectifier IRGP35B60PD Datasheet HTML 3Page - International Rectifier IRGP35B60PD Datasheet HTML 4Page - International Rectifier IRGP35B60PD Datasheet HTML 5Page - International Rectifier IRGP35B60PD Datasheet HTML 6Page - International Rectifier IRGP35B60PD Datasheet HTML 7Page - International Rectifier IRGP35B60PD Datasheet HTML 8Page - International Rectifier IRGP35B60PD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRGP35B60PD
www.irf.com
5
Fig. 14 - Typ. Switching Time vs. RG
TJ = 125°C; L = 200µH; VCE = 390V, ICE = 22A; VGE = 15V
Diode clamp used: 30ETH06 (See C.T.3)
Fig. 13 - Typ. Energy Loss vs. RG
TJ = 125°C; L = 200µH; VCE = 390V, ICE = 22A; VGE = 15V
Diode clamp used: 30ETH06 (See C.T.3)
Fig. 16- Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
Fig. 15- Typ. Output Capacitance
Stored Energy vs. VCE
Fig. 17 - Typical Gate Charge vs. VGE
ICE = 22A
Fig. 18 - Normalized Typ. VCE(on)
vs. Junction Temperature
IC = 22A, VGE= 15V
-50
0
50
100
150
200
TJ (°C)
0.8
1.0
1.2
1.4
0
10
20
30
40
50
RG (Ω)
0
100
200
300
400
500
600
700
800
EON
EOFF
0
10
20
30
40
50
RG (Ω)
1
10
100
1000
tR
tdOFF
tF
tdON
0
20
40
60
80
100
VCE (V)
10
100
1000
10000
Cies
Coes
Cres
0
50
100
150
200
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
400V
0
100
200
300
400
500
600
700
VCE (V)
0
5
10
15
20
25
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com