Electronic Components Datasheet Search
  English  ▼

X  

IRGP50B60PD Datasheet(PDF) 7 Page - International Rectifier

Part # IRGP50B60PD
Description  SMPS IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP50B60PD Datasheet(HTML) 7 Page - International Rectifier

Back Button IRGP50B60PD Datasheet HTML 2Page - International Rectifier IRGP50B60PD Datasheet HTML 3Page - International Rectifier IRGP50B60PD Datasheet HTML 4Page - International Rectifier IRGP50B60PD Datasheet HTML 5Page - International Rectifier IRGP50B60PD Datasheet HTML 6Page - International Rectifier IRGP50B60PD Datasheet HTML 7Page - International Rectifier IRGP50B60PD Datasheet HTML 8Page - International Rectifier IRGP50B60PD Datasheet HTML 9Page - International Rectifier IRGP50B60PD Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRGP50B60PD
www.irf.com
7
Fig. 24. Maximum Transient Thermal Impedance, Junction-to-Case (DIODE)
Fig 23. Maximum Transient Thermal Impedance, Junction-to-Case (IGBT)
Fig. 25 - Forward SOA, TC = 25°C; TJ ≤ 150°C
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τi (sec)
0.0789
0.000277
0.2614
0.040918
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
R
1
R
1
R
2
R
2
τ
τ
C
Ci
i
/Ri
Ci=
τi/Ri
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τi (sec)
0.0733
0.000420
0.1301
0.002274
0.1358
0.023026
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci
τi/Ri
Ci=
τi/Ri
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY VCE(on)
Tc = 25°C
Tj = 150°C
Single Pulse
100µsec
1msec
10msec
100msec



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com