Electronic Components Datasheet Search
  English  ▼

X  

1475713 Datasheet(PDF) 2 Page - Pro-Power

Part # 1475713
Description  Grommets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

1475713 Datasheet(HTML) 2 Page - Pro-Power

  1475713 Datasheet HTML 1Page - Pro-Power 1475713 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grommets
Page <1>
25/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Size
Colour
For Cable / Pipe
Ø
A
B
H
H1
H2
D
D1
Pack
(Pieces)
Part Number
M16
Grey
5 to 10
16.5
0.5 to 3
11
4
6.75
25.5
4
50
1475711
M20
6 to 13
20.5
27.5
5
1475712
M25
8 to 17
25.5
0.5 to 3.5
32.5
7
1475713
M32
12 to 24
32.5
0.5 to 4.5
39.5
11
25
1475714
M16
Black
5 to 10
16.5
0.5 to 3
25.5
4
50
1475716
M20
6 to 13
20.5
27.5
5
1475717
M25
8 to 17
25.5
0.5 to 3.5
32.5
7
1475718
M32
12 to 17
32.5
0.5 to 4.5
39.5
11
25
1475719
M16
White
5 to 10
16.5
0.5 to 3
25.5
4
50
1475721
M20
6 to 13
20.5
27.5
5
1475722
M25
8 to 17
25.5
0.5 to 3.5
32.5
7
1475723
M32
12 to 24
32.5
0.5 to 4.5
39.5
11
25
1475724
Specification Table
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com