Electronic Components Datasheet Search
  English  ▼

X  

60466 Datasheet(PDF) 3 Page - Pro-Power

Part # 60466
Description  Sleeved Grommets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

60466 Datasheet(HTML) 3 Page - Pro-Power

  60466 Datasheet HTML 1Page - Pro-Power 60466 Datasheet HTML 2Page - Pro-Power 60466 Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <3>
V1.0
16/10/13
Sleeved Grommets
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Dimensions : Millimetres
Panel Hole
Diameter
Maximum Panel
Thickness
Cable
Range
Standard Pack
Quantity
Part
Number
20
1.6
8 to 17
50 Per Pack
12312
Dimensions:
Grommet, Multipurpose
Description
Part Number
Grommet, Sleeved, 7.6mm
12461
Grommet, Sleeved, 8.7mm
60466
Grommet, Sleeved, 9.5mm
12468
Grommet, Sleeved, PK50
50687
Grommet, Cable, 7.1mm
40016
Grommet, Cable, 7.7mm
15517
Grommet, Cable, 9.6mm
60218
Grommet, Cable, 11.3mm
60752
Grommet, Cable, 14.2mm
12464
Grommet, Multipurpose, 20mm
12312
Part Number Table:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com