Electronic Components Datasheet Search
  English  ▼

X  

1475721 Datasheet(PDF) 1 Page - Pro-Power

Part # 1475721
Description  Grommets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

1475721 Datasheet(HTML) 1 Page - Pro-Power

  1475721 Datasheet HTML 1Page - Pro-Power 1475721 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grommets
Page <1>
25/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Black
Grey
White
Features:
• Suitable for holes in material of 0.5 to 4.5 mm thickness
• Quick and simple assembly without the use of tools
• Halogen-free
• Handles exceptionally large cable span
• An end-plug for all applications
Specifications:
Material
: TPE - thermoplastic elastomer
Mode of protection
: IP 67
Temperature range
: -50°C to +125°C
Test standard
: IEC 60529, IP67
Semko report
: M16 - 708555 -1
M20 - 708555 -2
M25 - 708555 -3
M32 - 708555 -4
Dimensions : Millimetres


Similar Part No. - 1475721

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1475 APITECH-1475 Datasheet
488Kb / 1P
Quality injection molded connectors
logo
Adafruit Industries
1475 ADAFRUIT-1475 Datasheet
98Kb / 1P
USB Audio Adapter - Works with Raspberry Pi
logo
Tyco Electronics
1475104-1 MACOM-1475104-1 Datasheet
25Kb / 1P
LAMBDA CONNECTOR ASSY
logo
PHOENIX CONTACT
1475114 PHOENIX-1475114 Datasheet
336Kb / 9P
ICC25-PPC2,5/4-5,0-AA-6021 - PCB connector
1475131 PHOENIX-1475131 Datasheet
557Kb / 9P
ICC25-H/4R5,0-6021 - PCB header
More results

Similar Description - 1475721

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
774 ETC2-774 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
G1123 ETC2-G1123 Datasheet
80Kb / 2P
Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1418 ETC2-G1418 Datasheet
74Kb / 1P
Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
G1349 ETC2-G1349 Datasheet
81Kb / 2P
Heyco Rubber Grommets
G1329 ETC2-G1329 Datasheet
81Kb / 2P
Heyco Rubber Grommets
G1423 ETC2-G1423 Datasheet
81Kb / 2P
Heyco Rubber Grommets
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com