Electronic Components Datasheet Search
  English  ▼

X  

6115 Datasheet(PDF) 3 Page - Wera Tools

Part # 6115
Description  160 i VDE Insulated screwdriver for slotted screws, 0.8 x 4.0 x 100 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools

6115 Datasheet(HTML) 3 Page - Wera Tools

  6115 Datasheet HTML 1Page - Wera Tools 6115 Datasheet HTML 2Page - Wera Tools 6115 Datasheet HTML 3Page - Wera Tools  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
160 i VDE Insulated screwdriver for slotted screws, 0.8 x 4.0 x 100 mm
Kraftform Plus – Series 100 VDE
Further versions in this product family:
mm
mm
mm
mm
inch
inch
05006100001
1)
0.4
2.5
80
81
3/32
3 1/8
05006105001
1)
0.5
3.0
100
81
1/8
4
05006110001
0.6
3.5
100
81
9/64
4
05006115001
0.8
4.0
100
98
5/32
4
05006116001
0.8
4.0
150
98
5/32
6
05006120001
1.0
5.5
125
98
7/32
5
05006121001
1.0
5.5
200
98
7/32
8
05006125001
1.2
6.5
150
105
1/4
6
05006126001
1.2
6.5
200
105
1/4
8
05006130001
1.2
8.0
175
112
5/16
7
05006135001
1.6
8.0
200
112
5/16
8
05006140001
1.6
10.0
200
112
3/8
8
1) without Lasertip
Web link
http://products.wera.de/en/vde_tools_kraftform_plus__series_100_vde_160_i_vde.html
Wera - 160 i VDE
05006115001 - 4013288027252
Wera Werkzeuge GmbH
Korzerter Straße 21-25
D-42349 Wuppertal
Tel: +49 (0)2 02 / 40 45-0
E-Mail: info@wera.de
02.08.2018 - 3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com