Electronic Components Datasheet Search
  English  ▼

X  

DB-4 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # DB-4
Description  Bi-directional trigger diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

DB-4 Datasheet(HTML) 2 Page - Leshan Radio Company

  DB-4 Datasheet HTML 1Page - Leshan Radio Company DB-4 Datasheet HTML 2Page - Leshan Radio Company DB-4 Datasheet HTML 3Page - Leshan Radio Company DB-4 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Current-voltage characterisitics
Test circuit see diagram 2
Adjust R for I=0.5A
Power dissipation versus ambient temperature
Peak pulse Current versus pulse duration
(maximum values)
(maximum values)
0
Relative varation of VBo versus junction temperature (typical values)
1
100
40
80
120
160
25
50
1.06
1.08
1.10
50
75
100
1.02
1.04
IB
10 mA
+IF
IBO
-v
+v
0.5v BO
△V
VBO
-IF
90%
10%
IP
tr
mw
Tamp(℃)
10
10
2
10
3
10
4
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
F=100Hz
Tj=25℃
tpμs
LESHAN RADIO COMPANY, LTD.
2/3
Characteristic Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com