Electronic Components Datasheet Search
  English  ▼

X  

7005S Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7005S
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7005S Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7005S Datasheet HTML 14Page - Renesas Technology Corp 7005S Datasheet HTML 15Page - Renesas Technology Corp 7005S Datasheet HTML 16Page - Renesas Technology Corp 7005S Datasheet HTML 17Page - Renesas Technology Corp 7005S Datasheet HTML 18Page - Renesas Technology Corp 7005S Datasheet HTML 19Page - Renesas Technology Corp 7005S Datasheet HTML 20Page - Renesas Technology Corp 7005S Datasheet HTML 21Page - Renesas Technology Corp 7005S Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
6.42
21
7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
Feb.14.20
01/31/06:
Page 1
Addedgreenavailabilitytofeatures
Page 20
Addedgreenindicatortoorderinginformation
10/21/08:
Page 20
Removed "IDT" from orderable part number
09/17/12:
Pages 6,7,9,12,& 14
In all of the DC & AC Electrical tables the 7005X20 speed grade
changed from 7005X20 Com'l & Military to include Ind making it
Com'l, Ind & Military
Page 20
Added T& R indicator to ordering information
06/10/16:
Pages 2 & 3
Changed diagram for the PN64 pin configuration by rotating package pin labels and pin
numbers 90 degrees counter clockwise to reflect pin 1 orientation & added pin 1 dot at pin 1
PN64 pin configuration: removed the PN64 chamfer, the arrow and the index indicator
Added the IDT logo to all pin configurations and changed the text to be in
alignment with new diagram marking specs
Removed the date revision indicator from all pin configurations
UpdatedfootnotereferencesforPN64pinconfiguration
Pages 2 & 20
The package codes PN64-1, G68-1 & J68-1 changed to PN64, G68 & J68 respectively to
matchstandardpackagecodes
03/20/18:
Product Discontinuation Notice - PDN# SP-17-02
Last time buy expires June 15, 2018
Datasheet Document History
12/21/98:
Initiated datasheet document history
Converted to new format
Cosmetic and typographical corrections
Pages 2 & 3
Added additional notes to pin configurations
06/03/99:
Changed drawing format
11/10/99:
Replaced IDT logos
08/07/00:
Page 1
Added copyright info
Fixed overbar errors
Page 4
Increased storage temperature parameter
Clarified TA Parameter
Page 6
DC Electrical parameters–changed wording from "open" to "disabled"
Changed ±500mV to 0mV in notes
09/18/01:
Page 2 & 3
Added date revision for pin configurations
Page 14
Replaced one copy of table 13b with 13a for 15, 17,20 & 25ns speeds for AC Electrical
Characteristics INTERRUPT TIMING
Pages 1 - 22
RebrandedasRenesasdatasheet
Pages 1 & 20
DeletedobsoleteIndustrialspeedgrades35/55nsandCommercialspeedgrade55ns
Page 2
Correctionforprevious06/10/16update.RemovedF68(FP68)pinconfigurationfromthe
datasheet
Pages 2 & 3
Updatedpackagecodes
Page 20
AddedOrderablePartInformationtables
02/14/20:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com