Electronic Components Datasheet Search
  English  ▼

X  

50311 Datasheet(PDF) 1 Page - VISATON GmbH & Co. KG

Part # 50311
Description  WB 13 100 V/8 OHM (white)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG

50311 Datasheet(HTML) 1 Page - VISATON GmbH & Co. KG

  50311 Datasheet HTML 1Page - VISATON GmbH & Co. KG 50311 Datasheet HTML 2Page - VISATON GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Loudspeakers and Accessories
Loudspeakers and Accessories
WB 13 100 V/8 OHM (white)
Art. No. 50311
2-way compact speakers in a sturdy plastic
housing (white), fitted with one 13 cm woofer and
one tweeter providing broad frequency response.
Well suited for music and voices. Universally
applicable to professional PA or in the home. Can
be run as a 100 V system or as 8 ohm units due to
an integrated transformer. 100 V transformer and
8 ohm mode are selected using a knob. Swivelling
fixing bracket allows the speakers to be mounted
horizontally or vertically, as required, and the
housing is equipped with a threaded hole for
attaching
to
a
bracket
or
swivelling
arm.
Typical
applications:
-
Conference
facilities
-
Multimedia
-
Outdoor
use
Attributes:
-
UV-resistant
-
100
V
transformer
-
Weather-proof
plastic
cabinet
- Plastic: ABS (UL 94: HB)
sketch
frequency response
Technical Data:
Rated power
50 W
Maximum power
80 W
Transformer matching
25; 15; 7,5; 4; 2 W /
8 Ohm
Sound pressure level
91 dB (1 W/1 m)
@ 6108 Hz
Sensitivity
90 dB (1 W/1 m)
Frequency response
95–20000 Hz
Mean sound pressure
level
88 dB (1 W/1 m)
Max. sound pressure
level
102 dB (25 W/1 m)
Net weight
2,4 kg
Protective system
IP 54
Colour
weiß / white


Similar Part No. - 50311

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
503110-2000 MOLEX11-503110-2000 Datasheet
155Kb / 2P
1.25mm (.049") Pitch Duo-Clasp Wire-to-Board Housing, Dual Row, Positive Lock 20 Circuits
503110-2000 MOLEX11-503110-2000 Datasheet
41Kb / 1P
1.25mm Pitch Duo-Clasp??Wire-to-Board Housing, Dual Row, Positive Lock, 20
503110-3000 MOLEX11-503110-3000 Datasheet
155Kb / 2P
1.25mm (.049") Pitch Duo-Clasp Wire-to-Board Housing, Dual Row, Positive Lock, 30 Circuits
503110-3000 MOLEX11-503110-3000 Datasheet
41Kb / 1P
1.25mm Pitch Duo-Clasp??Wire-to-Board Housing, Dual Row, Positive Lock, 30
503110-4000 MOLEX11-503110-4000 Datasheet
155Kb / 2P
1.25mm (.049") Pitch Duo-Clasp Wire-to-Board Housing, Dual Row, Positive Lock, 40 Circuits
More results

Similar Description - 50311

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB13N10 ONSEMI-NTB13N10 Datasheet
77Kb / 8P
Power MOSFET 100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 6
NTB6410AN ONSEMI-NTB6410AN Datasheet
150Kb / 7P
N-Channel Power MOSFET 100 V, 76 A, 13 m廓
December, 2009 ??Rev. 0
logo
FCI connector
HM1L44ABP000H6PLF FCI-CONNECTOR-HM1L44ABP000H6PLF Datasheet
231Kb / 2P
METRAL RA HDR WB CONVERGE
C-8626-0157 FCI-CONNECTOR-C-8626-0157 Datasheet
231Kb / 2P
METRAL RA HDR WB CONVERGE
logo
ON Semiconductor
NTB13N10T4G ONSEMI-NTB13N10T4G Datasheet
83Kb / 8P
100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 6
NTB6448ANG ONSEMI-NTB6448ANG Datasheet
150Kb / 7P
N-Channel Power MOSFET 100 V, 76 A, 13 m
October, 2009 ??Rev. 0
logo
Adels-Contact
314013 ADELS-314013 Datasheet
111Kb / 1P
GSK 720 V/13
logo
ON Semiconductor
NVTFS070N10MCL ONSEMI-NVTFS070N10MCL Datasheet
263Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 65 m, 13 A
February, 2022 - Rev. 0
logo
PHOENIX CONTACT
1707561 PHOENIX-1707561 Datasheet
524Kb / 13P
PTF 0,3/ 4-WB-8-H - Cable set
1707558 PHOENIX-1707558 Datasheet
509Kb / 13P
PTF 0,3/ 2-WB-8-H - Cable set
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com