Electronic Components Datasheet Search
  English  ▼

X  

2N5153 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 2N5153
Description  PNP Transistor Bare Die
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2N5153 Datasheet(HTML) 2 Page - Silicon Supplies

  2N5153 Datasheet HTML 1Page - Silicon Supplies 2N5153 Datasheet HTML 2Page - Silicon Supplies 2N5153 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.siliconsupplies.com
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5.5
V
Collector Current
IC
-5
A
Collector Current Pulsed
ICM
-10
A
Junction Temperature
TJ
200
°C
Storage Temperature
Tstg
-55 to 200
°C
PNP Transistor Bare Die – 2N5153
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
IC = -100µA, IE = 0
-100
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = -100mA, IB = 0
-80
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = -100µA, IC = 0
-5.5
-
-
V
VCE = -60V, VBE = 0
-
-
-1
µA
ICES
VCE = -100V, VBE = 0
-
-
-1
mA
Collector Cut-off Current
ICEO
VCE = -40V, IB = 0
-
-
-50
µA
VEB = -4V, IC = 0
-
-
-1
µA
Emitter Cut-off Current
IEBO
VEB = -5.5V, IC = 0
-
-
-1
mA
ON CHARACTERISTICS
VCE = -5V, IC = -50mA
50
-
-
-
VCE = -5V, IC = -2.5A
70
-
200
-
Forward-Current Transfer Ratio
hFE
VCE = -5V, IC = -5A
40
-
-
IC = -2.5A, IB = -250mA
-
-
-0.75
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC = -5A, IB = -500mA
-
-
-1.5
V
IC = -2.5A, IB = -250mA
-
-
-1.45
V
Base Saturation Voltage
VBE(sat)
IC = -5A, IB = -500mA
-
-
-2.2
V
Base-Emitter On Voltage
VBE(on)
VCE = -5V, IC = -250mA
-
-
-1.45
V
SMALL SIGNAL CHARACTERISTICS
1
Magnitude of AC forward current
transfer ratio
|hfe|
VCE = 5V, IC = 500mA, f = 10MHz
7
-
-
-
AC forward current transfer ratio
hfe
VCE = 5V, IC = 100mA, f = 1kHz
50
-
-
-
Collector Output Capacitance
Cobo
VCB = -10V, IE = 0, f = 1MHz
-
-
250
pF
Electrical Characteristics T
A = 25°C unless otherwise stated
Note 1: Not production testing in die form. Characterized by chip design and package test.
Rev 1.0
10/03/26



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com