Electronic Components Datasheet Search
  English  ▼

X  

M25P64 Datasheet(PDF) 1 Page - Numonyx B.V

Part # M25P64
Description  64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P64 Datasheet(HTML) 1 Page - Numonyx B.V

  M25P64 Datasheet HTML 1Page - Numonyx B.V M25P64 Datasheet HTML 2Page - Numonyx B.V M25P64 Datasheet HTML 3Page - Numonyx B.V M25P64 Datasheet HTML 4Page - Numonyx B.V M25P64 Datasheet HTML 5Page - Numonyx B.V M25P64 Datasheet HTML 6Page - Numonyx B.V M25P64 Datasheet HTML 7Page - Numonyx B.V M25P64 Datasheet HTML 8Page - Numonyx B.V M25P64 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
December 2007
Rev 7
1/50
1
M25P64
64 Mbit, low voltage, Serial Flash memory
with 50 MHz SPI bus interface
Features
■ 64 Mbit of Flash memory
■ 2.7 V to 3.6 V single supply voltage
■ SPI bus compatible serial interface
■ 50 MHz clock rate (maximum)
■ VPP = 9 V for Fast Program/Erase mode
(optional)
■ Page Program (up to 256 Bytes)
– in 1.4 ms (typical)
– in 0.35 ms (typical with VPP = 9 V)
■ Sector Erase (512 Kbit)
■ Bulk Erase (64 Mbit)
■ Electronic Signatures
– JEDEC standard two-Byte signature
(2017h)
– RES instruction, one-Byte, signature (16h),
for backward compatibility
■ Hardware Write Protection: protected area size
defined by three non-volatile bits (BP0, BP1
and BP2)
■ More than 100 000 Erase/Program cycles per
sector
■ More than 20-year data retention
■ Packages
– ECOPACK® (RoHS compliant)
VDFPN8 (ME)
8 × 6 mm (MLP8)
SO16 (MF)
300 mils width
www.numonyx.com


Similar Part No. - M25P64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
24-Feb-2005
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
1Mb / 55P
64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25P64-VME6 STMICROELECTRONICS-M25P64-VME6 Datasheet
519Kb / 38P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
24-Feb-2005
M25P64-VME6G STMICROELECTRONICS-M25P64-VME6G Datasheet
519Kb / 38P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
24-Feb-2005
M25P64-VME6G STMICROELECTRONICS-M25P64-VME6G Datasheet
375Kb / 49P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
19-Jan-2007
More results

Similar Description - M25P64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
17-May-2004
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
24-Feb-2005
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
STMicroelectronics
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
19-Jan-2007
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
10-Oct-2006
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
26-Jun-2007
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
1 Mbit, serial Flash memory, 50 MHz SPI bus interface
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
M25P128 NUMONYX-M25P128 Datasheet
862Kb / 45P
128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface
M25P64-VMF6TPBA NUMONYX-M25P64-VMF6TPBA Datasheet
1Mb / 55P
64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com