Electronic Components Datasheet Search
  English  ▼

X  

M25PE20-VMP6TP Datasheet(PDF) 47 Page - Numonyx B.V

Part # M25PE20-VMP6TP
Description  1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PE20-VMP6TP Datasheet(HTML) 47 Page - Numonyx B.V

Back Button M25PE20-VMP6TP Datasheet HTML 43Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 44Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 45Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 46Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 47Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 48Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 49Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 50Page - Numonyx B.V M25PE20-VMP6TP Datasheet HTML 51Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
M25PE20, M25PE10
Reset
47/64
8
Reset
Driving Reset (Reset) Low while an internal operation is in progress will affect this operation
(write, program or erase cycle) and data may be lost.
All the Lock bits are reset to ‘0’ after a Reset Low pulse.
Table 14 shows the status of the device after a Reset Low pulse.
9
Initial delivery state
The device is delivered with the memory array erased: all bits are set to ‘1’ (each byte
contains FFh). All usable Status Register bits are 0.
Table 14.
Device status after a Reset Low pulse
Conditions:
Reset pulse occurred
Lock bits status
Internal logic
status
Addressed data
While decoding an instruction(1): WREN,
WRDI, RDID, RDSR, READ, RDLR,
Fast_Read, WRLR, PW, PP, PE, SE, BE,
SSE, DP, RDP
1.
S remains Low while Reset is Low.
Reset to ‘0’
Same as POR
Not significant
Under completion of an Erase or Program
cycle of a PW, PP, PE, SSE, SE, BE
operation
Reset to ‘0’
Equivalent to
POR
Addressed data
could be modified
Under completion of a WRSR operation
Reset to ‘0’
Equivalent to
POR (after tW)
Write is correctly
completed
Device deselected (S High) and in Standby
mode
Reset to ‘0’
Same as POR
Not significant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com