Electronic Components Datasheet Search
  English  ▼

X  

LNBH24PPR Datasheet(PDF) 22 Page - STMicroelectronics

Part # LNBH24PPR
Description  Dual LNB supply and control IC with step-up and I2C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24PPR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LNBH24PPR Datasheet HTML 18Page - STMicroelectronics LNBH24PPR Datasheet HTML 19Page - STMicroelectronics LNBH24PPR Datasheet HTML 20Page - STMicroelectronics LNBH24PPR Datasheet HTML 21Page - STMicroelectronics LNBH24PPR Datasheet HTML 22Page - STMicroelectronics LNBH24PPR Datasheet HTML 23Page - STMicroelectronics LNBH24PPR Datasheet HTML 24Page - STMicroelectronics LNBH24PPR Datasheet HTML 25Page - STMicroelectronics LNBH24PPR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Electrical characteristics
LNBH24
22/30
NB: if the 22 kHz tone parameters are lower or higher than the above limits the TMON I²C bit is set to 1.
Table 13.
22KHz tone diagnostic (TMON bit) characteristics of sections A/B
(refer to the typical application circuit in Figure 4, TJ from 0 to 85 °C, EN=1,
VSEL=LLC=TEN=PCL=ITEST=TTX=AUX=0, RSEL=11 kΩ, DSQIN=LOW, VI=12 V, IO = 50
mA, unless otherwise stated. Typical values are referred to TJ = 25 °C. See software
description section for I²C access to the system register)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ATH-L
Amplitude diagnostic low
threshold
DETIN pin AC coupled
200
300
400
mV
ATH-H
Amplitude diagnostic high
threshold
DETIN pin AC coupled
900
1100
1200
mV
FTH-L
Frequency diagnostic low
thresholds
DETIN pin AC coupled
13
16.5
20
kHz
FTH-H
Frequency diagnostic high
thresholds
DETIN pin AC coupled
24
29.5
38
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com