Electronic Components Datasheet Search
  English  ▼

X  

ECL Datasheet(PDF) 4 Page - XP Power Limited

Part # ECL
Description  5-30 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECL Datasheet(HTML) 4 Page - XP Power Limited

  ECL Datasheet HTML 1Page - XP Power Limited ECL Datasheet HTML 2Page - XP Power Limited ECL Datasheet HTML 3Page - XP Power Limited ECL Datasheet HTML 4Page - XP Power Limited ECL Datasheet HTML 5Page - XP Power Limited ECL Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Notes
ECL15UD/UT
ACL
Pin1
Pin2
Pin3
Pin4
VAdj
ACN
Pin5
2.44 (62.0)
2.13 (54.1)
0.155 (3.9)
7-ø0.04 (ø1.0)
7-ø0.07 (ø1.8)
0.15 (3.81)
2.80 (71.1)
3.10 (78.7)
4-ø0.13 (ø3.20)
ACN
Pin5
Pin4
Pin3
Pin2
Pin1
ACL
NP
VAdj
2.56 (65.0)
0.54 (13.7)
0.25 (6.3)
0.54 (13.7)
4-ø0.04 (ø1.0)
0.21 (5.4)
2.13 (54.1)
ACN
ACL
Pin1
Pin4
Pin2
Pin3
Pin5
C1
Top View
1.03 (26.3)
0.39 (10.0)
Optional
DIN clip
0.18 (4.6)
0.18 (4.5)
2.56 (65.1)
0.10 (2.5)
0.10 (2.5)
0.10 (2.5)
0.27 (6.8)
2.95 (75.0)
3.31 (84.0)
2-ø0.14 (ø3.5)
Pin5
Pin4
Pin3
Pin2
Pin1
ACN
ACL
Top View
Mechanical Details
Open Frame - PCB Mount (-P)
Open Frame - Chassis Mount (-T)
Encapsulated (-E)
Screw Terminal (-S)
Models and Ratings
Output Power
Output 1
Output 2
Output 3
Efficiency
Model
Number(3,4)
Voltage
Current(2)
Voltage
Current(2)
Voltage
Current(2)
15 W
+12.0 V
0.65 A
-12.0 V
0.650 A
82%
ECL15UD01
15 W
+15.0 V
0.50 A
-15.0 V
0.500 A
82%
ECL15UD02
15 W
5.0 V(1)
1.50 A
12.0 V(1)
0.625 A
81%
ECL15UD03
15 W
5.0 V(1)
2.00 A
+12.0 V
0.200 A
-12.0 V
0.200 A
81%
ECL15UT02
15 W
5.0 V(1)
2.00 A
+15.0 V
0.150 A
-15.0 V
0.150 A
81%
ECL15UT03
Pin
UD01/02
UD03
UT02/03
1
V2
NP
V3
2
NP
V2 RTN
COM
3
COM
V2
V2
4
V1
V1
V1
5
NP
V1 RTN
V1 RTN
Pin
UD01/02
UD03
UT02/03
1
V2
NC
V3
2
COM
V2 RTN
COM
3
COM
V2
V2
4
COM
V1
V1
5
V1
V1 RTN
V1 RTN
Pin
UD01/02
UD03
UT02/03
1
V2
NP
V3
2
NP
V2 RTN
COM
3
COM
V2
V2
4
V1
V1
V1
5
NP
V1 RTN
V1 RTN
Pin
UD01/02
UD03
UT02/03
1
V2
NC
V3
2
COM
V2 RTN
COM
3
COM
V2
V2
4
COM
+V1
V1
5
V1
V1 RTN
V1 RTN
1. Isolated output
2. Peak load of 130% lasting <30 s with a maximum duty cycle of 10%, average
output power not to exceed nominal.
3. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’
for chassis mount, add ‘-E’ for encapsulated, add ‘-S’ for screw terminals.
4. A screw terminal version (-S) is available with DIN clip attached, add suffix ‘D’
e.g. ECL15UT02-SD, DIN rail mounting kit is available as a separate item, order
code ECL15 DIN CLIP.
5. UD01/UD02: Load regulation <3%, 10-100% load.
Cross regulation <3%, one output fixed, the other varied from
10-100% load
UD03:
Load regulation <1% V1, <10% V2
Cross regulation <10% V2, V1 varied from 10-100% load
UT02/UT03: Load regulation <1% V1, <10% V2 & V3
Cross regulation <10% V2 & V3, V2 & V3 at 50% load & V1
varied from 20-100% load
1. All dimensions in inches (mm).
2. Tolerances:
x.xx = ± 0.02 (x.x = ± 0.5)
x.xxx = ± 0.01 (x.xx = ± 0.25)
3. Weight: ECL15 UD/UT: P Version: 0.09 lbs (40 g)
T Version: 0.09 lbs (40 g)
E Version: 0.21 lbs(95 g)
S Version: 0.26 lbs (120 g)
Mating Connectors (-T version only)
Input Connector: JST PHR-3
Output Connector: JST XHP-5
Notes
NP = No pin.
NC = No connection.
NC = No connection.
NP = No pin.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com