Electronic Components Datasheet Search
  English  ▼

X  

M28W640HCT Datasheet(PDF) 34 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 34 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 30Page - Numonyx B.V M28W640HCT Datasheet HTML 31Page - Numonyx B.V M28W640HCT Datasheet HTML 32Page - Numonyx B.V M28W640HCT Datasheet HTML 33Page - Numonyx B.V M28W640HCT Datasheet HTML 34Page - Numonyx B.V M28W640HCT Datasheet HTML 35Page - Numonyx B.V M28W640HCT Datasheet HTML 36Page - Numonyx B.V M28W640HCT Datasheet HTML 37Page - Numonyx B.V M28W640HCT Datasheet HTML 38Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
DC and AC parameters
M28W640HCT, M28W640HCB
34/72
Table 15.
DC characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
ILI
Input Leakage current
0 V
≤VIN ≤VDD
±1
µA
ILO
Output Leakage current
0 V ≤VOUT ≤VDD
±10
µA
IDD
Supply current (Read)
E =VSS, G =VIH,
f=5MHz
918
mA
IDD1
Supply current (Standby or Automatic
Standby)
E =VDD ±0.2 V,
RP =VDD ±0.2 V
15
50
µA
IDD2
Supply current (Reset)
RP =VSS ±0.2 V
15
50
µA
IDD3
Supply current (Program)
Program in progress
VPP =12V±5%
510
mA
Program in progress
VPP =VDD
10
20
mA
IDD4
Supply current (Erase)
Erase in progress
VPP =12V±5%
10
20
mA
Erase in progress
VPP =VDD
10
20
mA
IDD5
Supply current (Program/Erase Suspend)
E =VDD ±0.2 V,
Erase suspended
15
50
µA
IPP
Program current (Read or Standby)
VPP >VDD
400
µA
IPP1
Program current (Read or Standby)
VPP ≤VDD
15
µA
IPP2
Program current (Reset)
RP =VSS ±0.2 V
1
5
µA
IPP3
Program current (Program)
Program in progress
VPP =12V±5%
110
mA
Program in progress
VPP =VDD
15
µA
IPP4
Program Current (Erase)
Erase in progress
VPP = 12V ± 5%
310
mA
Erase in progress
VPP = VDD
15
µA
VIL
Input Low voltage
–0.5
0.4
V
VIH
Input High voltage
VDD –0.4
VDD +0.4
V
VOL
Output Low voltage
IOL = 100 µA,
VDD = VDD min
0.1
V
VOH
Output High voltage
IOH = –100 µA,
VDD = VDD min
VDD –0.1
V
VPP1
Program voltage (program or erase
operations)
1.65
3.6
V
VPPH
Program voltage (program or erase
operations)
11.4
12.6
V
VPPLK
Program voltage (program and erase lock-
out)
1V
VLKO
VDD supply voltage (Program and Erase
lock-out)
2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com