Electronic Components Datasheet Search
  English  ▼

X  

ECP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ECP
Description  EURO CONVERTER PLUG (ECP)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ECP Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO CONVERTER PLUG (ECP):
2.5A
EUROPLUG
EUROPLUG
INSERTED
INTO CONVERTER
COVER SNAPS SHUT &
SECURED
WITH SCREW
The Euro Convertor plug (ECP) is an adaptor which converts 2.5A CEE7 (XVI)
Europlugs to the BSI363 system format. With its hinged lid, secured with a screw,
external fuse access and no loose parts, it is ideal for manufacturers who want to
produce one version of their product and then convert certain models for the UK
market and other BS1363 markets.
Available with either standard or tamper resistant screw.
TECHNICAL INFORMATION
Voltage
240V 50Hz
Current rating 2.5A
Load
600W (max.)
Fuse
3A or (5A) BSI362
Material
Thermoplastic PP
or Nylon.
Cadmium Free
Weight
45g (typical)
STANDARDS
The product is approved to BS5733,
BS1363 plug/socket features and BS1362
fuse link. Approved by BSI. Product
complies with current RoHS standards.
COLOURS AVAILABLE
Black / White / Clear (made from
polycarbonate)
Other colours require a minimum qty of
30,000 pieces


Similar Part No. - ECP

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ECP HAMMOND-ECP Datasheet
168Kb / 3P
Systeme de commande Eclipse - NEMA 12
logo
XP Power Limited
ECP XPPOWER-ECP Datasheet
362Kb / 2P
Single Outputs from 3.3 to 48 V
logo
Transko Electronics, In...
ECP TRANSKO-ECP Datasheet
410Kb / 1P
PECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 2: Apr. 2015
logo
List of Unclassifed Man...
ECP-100 ETC-ECP-100 Datasheet
350Kb / 1P
Single-Ear Hose Clamp Pliers, Straight Jaw
ECP-5414 ETC-ECP-5414 Datasheet
194Kb / 1P
AMD Geode??GX1 Communication Platform
More results

Similar Description - ECP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2A ETC2-CP2A Datasheet
142Kb / 1P
Plug, Euro CEE7-BS546, 5A, Black
logo
XP Power Limited
ECP60UD01 XPPOWER-ECP60UD01 Datasheet
391Kb / 2P
60 Watts ECP Series
logo
Adam Technologies, Inc.
EB41-XX-D-E ADAM-TECH-EB41-XX-D-E Datasheet
75Kb / 1P
EURO BLOCK
EB42-XX-G-E ADAM-TECH-EB42-XX-G-E Datasheet
77Kb / 1P
EURO BLOCK
EB121-XX-A ADAM-TECH-EB121-XX-A Datasheet
73Kb / 1P
EURO BLOCK
EB124-XX-C-GY ADAM-TECH-EB124-XX-C-GY Datasheet
69Kb / 1P
EURO BLOCK
logo
XP Power Limited
ECP40US05 XPPOWER-ECP40US05 Datasheet
179Kb / 2P
40 Watts ECP Series
logo
Bel Fuse Inc.
VA229 BEL-VA229 Datasheet
861Kb / 1P
BNC Plug to Euro Jack
VA230 BEL-VA230 Datasheet
790Kb / 1P
Euro Plug to BNC Plug
VA234 BEL-VA234 Datasheet
788Kb / 1P
Euro Plug to BNC Jack Adaptor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com