Electronic Components Datasheet Search
  English  ▼

X  

POP1035 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # POP1035
Description  2.8x Eyeglass Magnifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

POP1035 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  POP1035 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mftrs.
Price Each
List No.
Order Code
++
+
POP1035
170-2969
——
——
——
2.8x Eyeglass Magnifier
Ì Ideal for precision and miniature work
Ì Reduces eyestrain
Ì Black plastic body with glass lens
Ì Focal Length: 31⁄2"
Ì Magnification: 2.8x
464155.535267


Similar Part No. - POP1035

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
POP1763 ETC-POP1763 Datasheet
226Kb / 1P
Modelcraft Lightweight Headband Magnifier with 4 lenses
More results

Similar Description - POP1035

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-09316 SPARKFUN-TOL-09316 Datasheet
79Kb / 1P
Monocle Magnifier - Illuminated
5??5??7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com