Electronic Components Datasheet Search
  English  ▼

X  

30PT100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 30PT100
Description  High Performance Schottky Generation 5.0, 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30PT100 Datasheet(HTML) 2 Page - Vishay Siliconix

  30PT100 Datasheet HTML 1Page - Vishay Siliconix 30PT100 Datasheet HTML 2Page - Vishay Siliconix 30PT100 Datasheet HTML 3Page - Vishay Siliconix 30PT100 Datasheet HTML 4Page - Vishay Siliconix 30PT100 Datasheet HTML 5Page - Vishay Siliconix 30PT100 Datasheet HTML 6Page - Vishay Siliconix 30PT100 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94532
2
Revision: 22-Oct-07
30PT100
Vishay High Power Products
High Performance
Schottky Generation 5.0, 30 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Forward voltage drop
VFM (1)
30 A
TJ = 25 °C
-0.77
V
60 A
-
0.9
30 A
TJ = 125 °C
-0.64
60 A
-
0.76
Reverse leakage current
IRM (1)
TJ = 25 °C
VR = Rated VR
-
200
µA
TJ = 125 °C
TBD
15
mA
Junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
1650
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
7.5
-
nH
Maximum voltage rate of change
dV/dt
Rated VR
-
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.8
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.25
Approximate weight
6g
0.21
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Case style
JEDEC
TO-247AC (modified)
Marking device
30PT100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com