Electronic Components Datasheet Search
  English  ▼

X  

BB149 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BB149
Description  UHF variable capacitance diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB149 Datasheet(HTML) 1 Page - NXP Semiconductors

  BB149 Datasheet HTML 1Page - NXP Semiconductors BB149 Datasheet HTML 2Page - NXP Semiconductors BB149 Datasheet HTML 3Page - NXP Semiconductors BB149 Datasheet HTML 4Page - NXP Semiconductors BB149 Datasheet HTML 5Page - NXP Semiconductors BB149 Datasheet HTML 6Page - NXP Semiconductors BB149 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.
Product profile
1.1 General description
The BB149 is a variable capacitance diode, fabricated in planar technology, and
encapsulated in the SOD323 (SC-76) very small SMD plastic package.
The excellent matching performance is achieved by gliding matching and a Direct
Matching Assembly (DMA) procedure. The unmatched type, BB159 has the same
specification.
1.2 Features
s Excellent linearity
s Excellent matching to 1 % DMA
s Very small SMD plastic package
s Cd(28V): 2.1 pF; Cd(1V) to Cd(28V) ratio: 9
s Low series resistance.
1.3 Applications
s Electronic tuning in UHF television tuners
s Voltage Controlled Oscillators (VCO).
2.
Pinning information
[1]
Marking bar indicates the cathode.
3.
Ordering information
BB149
UHF variable capacitance diode
Rev. 05 — 4 October 2004
Product data sheet
Table 1:
Pinning
Pin
Description
Simplified outline [1]
Symbol
1
cathode
2
anode
2
1
sym008
Table 2:
Ordering information
Type number
Package
Name
Description
Version
BB149
SC-76
plastic surface mounted package; 2 leads
SOD323


Similar Part No. - BB149

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB149 PHILIPS-BB149 Datasheet
54Kb / 8P
UHF variable capacitance diode
1998 Sep 15
logo
Leshan Radio Company
BB149 LRC-BB149 Datasheet
51Kb / 2P
UHF variable capacitance diode
logo
NXP Semiconductors
BB149 NXP-BB149 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BB149A PHILIPS-BB149A Datasheet
53Kb / 8P
UHF variable capacitance diode
1997 Dec 17
BB149A NXP-BB149A Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - BB149

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB135 PHILIPS-BB135 Datasheet
53Kb / 8P
UHF variable capacitance diode
1998 Sep 15
BB146 PHILIPS-BB146 Datasheet
29Kb / 4P
UHF variable capacitance diode
1996 Sep 20
BB149 PHILIPS-BB149 Datasheet
54Kb / 8P
UHF variable capacitance diode
1998 Sep 15
BB149A PHILIPS-BB149A Datasheet
53Kb / 8P
UHF variable capacitance diode
1997 Dec 17
BB159 PHILIPS-BB159 Datasheet
29Kb / 4P
UHF variable capacitance diode
1996 Oct 03
BB215 PHILIPS-BB215 Datasheet
28Kb / 4P
UHF variable capacitance diode
1996 May 03
BB405B PHILIPS-BB405B Datasheet
30Kb / 4P
UHF variable capacitance diode
1996 May 03
logo
Leshan Radio Company
BB179 LRC-BB179 Datasheet
140Kb / 2P
UHF variable capacitance diode
logo
NXP Semiconductors
BB179BLX NXP-BB179BLX Datasheet
57Kb / 7P
UHF variable capacitance diode
Rev. 01-29 January 2009
logo
Unisonic Technologies
BB179 UTC-BB179 Datasheet
114Kb / 2P
UHF VARIABLE CAPACITANCE DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com