Electronic Components Datasheet Search
  English  ▼

X  

32807MAG Datasheet(PDF) 2 Page - Klein Tools, Inc.

Part # 32807MAG
Description  7-IN-1 NUT DRIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

32807MAG Datasheet(HTML) 2 Page - Klein Tools, Inc.

  32807MAG Datasheet HTML 1Page - Klein Tools, Inc. 32807MAG Datasheet HTML 2Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2018 Klein Tools, Inc.
Lincolnshire, IL 60069
82822 Rev. 05/18 B
www.kleintools.com
See our complete line of Drivers
Cat. No.
UPC 092644+
Hex Sizes
Overall Length
32807MAG
32808-4
1/4", 5/16", 3/8", 11/32", 7/16", 1/2", 9/16"
8.25" (210 mm)
Spring coil holds
nuts and bolts in
place without the
use of magnets
Wrench-assist
for added torque
Strong, rare
earth magnets
Cushion-Grip handle
allows for greater
torque and comfort
1/2" socket
conveniently
stores in the
handle while
using 1/4"
socket
7-IN-1 NUT DRIVER
• Strong, rare earth magnets securely hold nuts and bolts (1/4", 5/16", 11/32", 3/8", 1/2")
• Spring coil holds nuts and bolts in place without the use of magnets (7/16", 9/16")
• Hollow shafts for driving nuts deep onto bolts or threaded rod (1/4", 5/16", 3/8", 7/16", 9/16")
• Heavy-duty handle and shaft exceed the torque performance of regular nut drivers
• Wrench-assist on handle for added torque on tough jobs
• Color-coded bands for easy identification
EASY,
ONE-HANDED
DRIVING WITH
SEVEN SIZES
IN ONE TOOL!



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com