Electronic Components Datasheet Search
  English  ▼

X  

60611 Datasheet(PDF) 2 Page - Klein Tools, Inc.

Part # 60611
Description  LIGHT WEIGHT & HEAVY DUTY KNEE PAD SLEEVES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

60611 Datasheet(HTML) 2 Page - Klein Tools, Inc.

  60611 Datasheet HTML 1Page - Klein Tools, Inc. 60611 Datasheet HTML 2Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2022 Klein Tools, Inc.
Lincolnshire, IL 60069
82770 Rev. 06/22 A
www.kleintools.com
See our complete line of Knee Pads and Kneeling Pads
Can be worn under or
over pants
Second-skin fit allows
for agility when in
tight spaces
Elastic cuff with
slip-resistant silicone helps
knee pads stay in place
TRIPLE
L AYER
PROTECTION
Thigh Measurement
Calf Measurement
Cat.
No.
UPC 0-
92644+ Description
Size
Measure 6" above
center of kneecap
Measure below the
center of the kneecap:
Lightweight 6" & Heavy Duty 8"
60492 60492-8 Lightweight Knee Pad Sleeves
M/L
20-21.5" (50.5-54.5 cm)
14.5-16.5" (37-42 cm)
60592 60592-5 Lightweight Knee Pad Sleeves
L/XL
20.5-23.5" (51.5-60 cm)
15.5-17.5" (39-44.5 cm)
60511 60511-6 Heavy Duty Knee Pad Sleeves
M/L
20-21.5" (50.5-54.5 cm)
13.5-15.5" (34.5-39.5 cm)
60611 60611-3 Heavy Duty Knee Pad Sleeves
L/XL
20.5-23.5" (51.5-60 cm)
15-17.5" (38.5-44 cm)
Flexible EVA knee pad
contours to leg shape
Breathable mesh back
keeps you cool and
comfortable
Interior neoprene foam padding
for all-day comfort
Ergonomically engineered flexible padding with
anti-abrasion layer contours to leg shape
KNEE PAD PROTECTION
The Lightweight and Heavy Duty Knee Pad Sleeves from Klein Tools feature
a compact design for all day comfort and protection. This unique design
keeps the knee pads close to your body and centered in place throughout
the day for agility when working in tight spaces. These sleeves have a
lightweight, breathable mesh back to keep you cool and comfortable.
Visit www.kleintools.com for warnings and instructions.
60511 & 60611
60492 & 60592



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com