Electronic Components Datasheet Search
  English  ▼

X  

BV1 Datasheet(PDF) 1 Page - Multicomp Pro

Part # BV1
Description  Vinyl-Insulated Butt Splice connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BV1 Datasheet(HTML) 1 Page - Multicomp Pro

  BV1 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
18/01/21
Vinyl-Insulated
Butt Splice connector
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Note:
Max. Electric Current
:
AWG 22 20 18 16
AMP
9
12 17 18
Max. Electrical Rating
: 75°C 600 Volts Max.
Insulation Material
: Vinyl
Insulation Colour
: Red
Connector Material
: Copper Plate
Wire Range
: 22 ~ 16AWG (0.5 ~ 1.5mm2)
Connector Surface Treatment : Tin Plated
Dimensions : Millimetres
Part Number Table
Description
Part Number
Butt Splice, Red, BV Series, 22 AWG,
16 AWG, 1.25mm², Vinyl
BV1
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Diagram


Similar Part No. - BV1

ManufacturerPart #DatasheetDescription
logo
Semikron International
BV12 SEMIKRON-BV12 Datasheet
51Kb / 2P
High voltage silicon rectifier diodes
BV12 SEMIKRON-BV12 Datasheet
55Kb / 2P
High voltage silicon rectifier diodes
logo
Xtaltq Technologies Co....
BV1220 XTALTQ-BV1220 Datasheet
194Kb / 2P
SMD Package(12.6×20.2mm)
BV1220HH5I125E010N100 XTALTQ-BV1220HH5I125E010N100 Datasheet
194Kb / 2P
SMD Package(12.6×20.2mm)
logo
Shenzhen Bencent Electr...
BV12C BENCENT-BV12C Datasheet
305Kb / 4P
Transient Voltage Suppressor
More results

Similar Description - BV1

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0047 MOLEXKITS-76650-0047 Datasheet
38Kb / 2P
Nylon Insulated Butt Splice Solderless Terminals
76650-0053 MOLEXKITS-76650-0053 Datasheet
41Kb / 3P
Insulated Ring, Spade, Butt Splice, Closed-End Solderless Terminal
logo
PANDUIT CORP.
A41181 PANDUIT-A41181 Datasheet
62Kb / 1P
EXPANDED VINYL INSULATED BUTT SPLICES
BS22 PANDUIT-BS22 Datasheet
61Kb / 1P
26-22 BARREL NON-INSULATED BUTT SPLICE
BSN22 PANDUIT-BSN22 Datasheet
42Kb / 1P
26-22 BARREL NYLON INSULATED BUTT SPLICE
BS18 PANDUIT-BS18 Datasheet
79Kb / 1P
NON-INSULATED BUTT SPLICE
BS18 PANDUIT-BS18_07 Datasheet
47Kb / 1P
NON-INSULATED BUTT SPLICE
logo
Tyco Electronics
34227 MACOM-34227 Datasheet
45Kb / 1P
SPLICE, BUTT, STANDARD, BUDGET
32464 MACOM-32464 Datasheet
78Kb / 1P
SPLICE, BUTT, STRAP, BUDGET
34228 MACOM-34228 Datasheet
56Kb / 1P
SPLICE, BUTT, STANDARD, BUDGET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com