Electronic Components Datasheet Search
  English  ▼

X  

2214 Datasheet(PDF) 1 Page - Santronics Inc

Part # 2214
Description  SINGLE-WIRE ADJUSTABLE FABRIC WRIST STRAP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

2214 Datasheet(HTML) 1 Page - Santronics Inc

  2214 Datasheet HTML 1Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DRAWING
NUMBER
2204
DATE
October
2015
© 2015 DESCO INDUSTRIES INC.
Employee Owned
SINGLE-WIRE ADJUSTABLE FABRIC WRIST STRAP
926 JR Industrial Drive, Sanford, NC 27332
WEB SITE: StaticControl.com
PHONE (919) 718-0000
Made in the
United States of America
Specifications and procedures subject to change without notice.
Unless otherwise noted, tolerance ±10%
The Adjustable Wrist Strap set provides a cost-effective method of grounding personnel.
Features a comfortable, adjustable band, a 5 ft./10 ft. (1.5 m/3 m) coil cord with a 4mm
snap. One size adjusts to most any size wrist to provide reliable, 360-degree protection.
A 1 megohm resistor is built into the ground cord. Adjust band over a range of diameters,
1.7 in. – 3.5 in. Meets ANSI/ESD S20.20 and ANSI/ESD S1.1.
UL LIisted
Note: This product is not recommended for use on equipment with
operating voltage exceeding 250 VAC.
CAUTION: The ESD Series is for electrostatic control. It will not reduce
or increase your risk of receiving electric shock when using or working on
electrical equipment. Follow the same precautions you would use without
wrist straps, including:
• Make certain that equipment having a grounding type plug is properly
grounded.
• Make certain that you are not in contact with grounded objects other than
through the ESD Series.
Listing #90P1
Specifications - Band
Typical Value
Test Method
Fabric
Elastic Nylon
Resistance
< 500 ohms
ANSI/ESD S1.1
Contact
360° Around Wrist
Color
Burgundy
Snap
4mm
Snap Release
< 2 lbs.
Back Plate
Stainless Steel
Specifications - Cord
Typical Value
Test Method
Length
5 or 10 feet
Resistance
1 Megohm Resistor
ANSI/ESD S1.1
Flex life average
1,000,000 cycles
ANSI/ESD S1.1
Color
Black
Snap
4mm
Item
Description
2204
Adjustable Wristband
2214
Adjustable Wrist Strap with 5' Coil Cord. Includes alligator clip.
2224
Adjustable Wrist Strap with 10' Coil Cord. Includes alligator clip.


Similar Part No. - 2214

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2214 ETC-2214 Datasheet
51Kb / 3P
20-TAP DIP DELAY LINE TD/TR = 10 (SERIES 2214)
2214 ETC1-2214 Datasheet
42Kb / 3P
data delay devices
2214 ETC1-2214 Datasheet
32Kb / 1P
high Current Toroid Inductors
logo
Data Delay Devices, Inc...
2214 DATADELAY-2214 Datasheet
46Kb / 3P
20-TAP DIP DELAY LINE TD/TR = 10
logo
KR Electronics, Inc.
2214 KR-2214 Datasheet
15Kb / 1P
Bandpass Filter
More results

Similar Description - 2214

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6081 POMONA-6081 Datasheet
18Kb / 1P
Wrist Strap, Elastic, ESD
6082 POMONA-6082 Datasheet
23Kb / 1P
Elastic Wrist Strap With Clip & Cord
6083 POMONA-6083 Datasheet
22Kb / 1P
Metal Wrist Strap, ESD
6084 POMONA-6084 Datasheet
38Kb / 1P
Metal Wrist Strap with Clip and Cord, ESD
6086 POMONA-6086 Datasheet
100Kb / 3P
ESD Wrist Strap Tester
logo
3M Electronics
2272 3M-2272 Datasheet
126Kb / 1P
3M Wrist Strap - Adjustable Elastic Fabric (Economy Performance)
17-Apr-2009
logo
List of Unclassifed Man...
63060 ETC2-63060 Datasheet
54Kb / 1P
ECONOMY WRIST STRAP WITH 7MM SNAP
logo
Tripp Lite. All Rights ...
P999000 TRIPPLITE-P999000 Datasheet
476Kb / 1P
ESD Anti-Static Wrist Strap Band with Grounding Wire
P999-000 TRIPPLITE-P999-000 Datasheet
159Kb / 2P
ESD Anti-Static Wrist Strap Band with Grounding Wire
logo
Bertech.
AFWSB BERTECH-AFWSB Datasheet
113Kb / 1P
ESD Fabric Wrist Straps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com