Electronic Components Datasheet Search
  English  ▼

X  

2229 Datasheet(PDF) 1 Page - Santronics Inc

Part # 2229
Description  MAGSNAP 360™ DUAL-WIRE METAL EXPANSION WRISTBAND
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

2229 Datasheet(HTML) 1 Page - Santronics Inc

  2229 Datasheet HTML 1Page - Santronics Inc 2229 Datasheet HTML 2Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DRAWING
NUMBER
2225
DATE
August
2015
© 2015 DESCO INDUSTRIES INC.
Employee Owned
MAGSNAP 360™ DUAL-WIRE METAL EXPANSION WRISTBAND
926 JR Industrial Drive, Sanford, NC 27332
WEB SITE: StaticControl.com
PHONE (919) 718-0000
Made in the
United States of America
Specifications and procedures subject to change without notice.
Unless otherwise noted, tolerance ±10%
A. .002" polyphenylsulfone sheet laminated to each link. Provides >5,000 Volt RMS insulation per ASTM
D149. Will not flake or peel.
B. Unique dual contact design is to be paired with a SCS MagSnap™ 360 Coil Cord (not included) for a
superior electrical connection. The magnetic connection made with the coil cord maintains a 1-5 pound
perpendicular breakaway force to prevent accidental disconnects.
C. Black ABS plastic cap. Molded with "MagSnap 360" trademark.
D. Underwriters Laboratory Listing 90P1C.
E. Inside links are constructed of 300 Series Stainless Steel. Width of links is 0.63".
F. Black ABS plastic insulator separates band into halves.
Meets required limits of ANSI/ESD S20.20 and requirements of ANSI/ESD S1.1.
Band Size
Circumference
Min.
Max.
Small
5.5" (140mm) 9" (229mm)
Medium
6" (152mm)
11" (279mm)
Large
7" (178mm)
12" (305mm)
Item
Band Size
Coil Cord
2225
Small
Not Included
2226
Medium
Not Included
2227
Large
Not Included
2228
Small
6' (2234)
2229
Medium
6' (2234)
2230
Large
6' (2234)
2231
Small
12' (2235)
2232
Medium
12' (2235)
2233
Large
12' (2235)
D
A
U.S. Patent Pending


Similar Part No. - 2229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2229 ETC2-2229 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
3M Electronics
2229 3M-2229 Datasheet
28Kb / 2P
3M™ Scotch-Seal™ Mastic Tape
Rev B
logo
Keystone Electronics Co...
2229 KEYSTONE-2229 Datasheet
354Kb / 1P
INTERCONNECT BATTERY HOLDERS
31-07 20th
logo
Altech corporation
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
logo
Integrated Technology F...
222901B ITF-222901B Datasheet
179Kb / 2P
Typical 1dB bandwidth of 29.6 MHz
Rev 1.0 2013. 03. 27
More results

Similar Description - 2229

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16203 AD-ADIS16203 Datasheet
594Kb / 28P
Programmable 360 Inclinometer
8/06-Revision 0
logo
TRIAD MAGNETICS
VPP28-360 TRIAD-VPP28-360 Datasheet
48Kb / 1P
VPP28-360
logo
Vishay Siliconix
DG3537 VISHAY-DG3537 Datasheet
129Kb / 10P
4-Ω, 360-MHz, Dual SPST Analog Switches
30-Apr-07
DG3537 VISHAY-DG3537_11 Datasheet
113Kb / 10P
4ohm, 360 MHz, Dual SPST Analog Switches
28-Feb-11
logo
List of Unclassifed Man...
09087 ETC2-09087 Datasheet
194Kb / 1P
Premium Fixed Size Metal Expansion Wrist Straps
09100 ETC2-09100 Datasheet
132Kb / 1P
JEWEL WRISTBAND, ELASTIC, ADJUSTABLE
09104 ETC2-09104 Datasheet
203Kb / 1P
JEWEL WRISTBAND, ELASTIC, ADJUSTABLE
logo
TAI-SAW TECHNOLOGY CO.,...
TE0113A TAI-SAW-TE0113A Datasheet
349Kb / 10P
Dual SAW Filter 360 / 380 MHz
logo
Switchcraft, Inc.
P2439 SWITCH-P2439 Datasheet
153Kb / 1P
H.H. BRASS ALLOY 360
logo
TRACO Electronic AG
TXH360 TRACOPOWER-TXH360 Datasheet
3Mb / 4P
AC/DC Power Supply TXH 360 Series, 360 Watt
Rev. October 21, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com