Electronic Components Datasheet Search
  English  ▼

X  

PC0802-A Datasheet(PDF) 1 Page - Powertip Technology

Part # PC0802-A
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0802-A Datasheet(HTML) 1 Page - Powertip Technology

  PC0802-A Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
58.0 x 32.0
38.0 x 16.0
0.56 x 0.66
0.60 x 0.70
Module
W /O B/L
EL B/L
LED B/L
H2 / H1
5.2 / 9.8
5.2 / 9.8
8.9 / 13.5
Vdd+0.3
V
V
V
13
7
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
-0.3
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
N
W
7.1
4.4
4.1
Vdd=5V
3.8
5.7
6.1
ELECTRICAL CHARACTERISTICS
Typical
N W
Max. Units
V
5.2
4.8
4.6
7.9
6.7
6.3
V
V
V
V
V
mA
mA
mA
2.5
N W
7.5
4.6
4.3
4
6
6.4
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vss
Vdd
Vo
RS
R/W
E
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
Power supply(GND)
Power supply(+)
Contrast Adjust
Register select signal
Data read / write
Enable signal
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
1.5
110
Power supply voltage Vdd-Vss
25oC
2.7
5.5
V
PC 0802-A
PC 0802-A
LCD PANEL
BACKLIGHT
SEG 40
COM 16
LCD
CONTROLLER
LSI
DB7
DB0
E
R/W
RS
Vss
Vdd
Vo
A
K
3.55
2.96
0.56
0.04
1.6
H2
H1
A
K
58.0 0.5
HOLE 4- 2.5
4- 1.0
2.5
29.0
44.2
38.0
27.81
1.7
1
53.0
2.54
2
14
13
PDA 14 -1.8
14 -1.0


Similar Part No. - PC0802-A

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC0802 POWERTIP-PC0802 Datasheet
54Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC0802 POWERTIP-PC0802 Datasheet
53Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC0802A POWERTIP-PC0802A Datasheet
54Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
logo
P-tec Corporation
PC0802A-O P-TEC-PC0802A-O Datasheet
44Kb / 2P
Character Display
logo
Powertip Technology
PC0802ARS-AWA-A POWERTIP-PC0802ARS-AWA-A Datasheet
557Kb / 19P
LCD Module:1/16 Duty,1/4 Bias
2003/7/5
More results

Similar Description - PC0802-A

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1202A POWERTIP-PC1202A Datasheet
82Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-T POWERTIP-PC1602-T Datasheet
76Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602D POWERTIP-PC1602D Datasheet
53Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-B POWERTIP-PC2002-B Datasheet
78Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-C POWERTIP-PG12232-C Datasheet
86Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-E-33 POWERTIP-PG12232-E-33 Datasheet
51Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12864-O POWERTIP-PG12864-O Datasheet
59Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG240160-B POWERTIP-PG240160-B Datasheet
89Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG320240-M POWERTIP-PG320240-M Datasheet
254Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com