Electronic Components Datasheet Search
  English  ▼

X  

45133 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 45133
Description  Ultra-Fit Power Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

45133 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  45133 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/31/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0451330803
Status:
Active
Overview:
Ultra-Fit Power Connectors
Description:
Ultra-Fit™ to Ultra-Fit™ Off-the-Shelf (OTS) Cable Assembly, Dual Row, 300.00mm
Length, 8 Circuits, Black
Documents:
Drawing (PDF)
Product Literature (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
45133
Application
Power, Wire-to-Board
Assembly Configuration
Dual Ended Connectors
Connector to Connector
Ultra-Fit-to-Ultra-Fit
Overview
Ultra-Fit Power Connectors
Product Literature Order No
987651-6143
Product Name
Ultra-Fit OTS
UPC
889056738644
Physical
Cable Length
300.00mm
Circuits (Loaded)
8
Color - Resin
Black
Gender
Female-Female
Lock to Mating Part
Yes
Material - Metal
High Conductivity Copper
Material - Plating Mating
Tin over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
Nylon
Net Weight
42.700/g
Packaging Type
Bag
Pitch - Mating Interface
3.50mm
Plating min - Mating
1.524µm
Plating min - Termination
1.524µm
Single Ended
No
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.35mm
Wire Size AWG
16
Wire/Cable Type
UL 1061
Electrical
Current - Maximum per Contact
11.0A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Sales Drawing
2012341011-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant*
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
CUST_NOTE
*Product contains
part(s) with customer
managed
CUST_NOTE1
EHS data. These part(s)
are excluded from
CUST_NOTE2
product compliance
status evaluation.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
45133 Series
Mates With
Ultra-Fit™ Right Angle Header 172316
<br>Ultra-Fit™ Vertical Header 172298 ,
172299
This document was generated on 10/31/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 45133

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
45133 ALPHAWIRE-45133 Datasheet
395Kb / 4P
18 (16/30) AWG Tinned Copper
logo
Ashcroft, Inc.
451339A02B ASHCROFT-451339A02B Datasheet
366Kb / 3P
1339A Duplex Pressure Gauge
RevE_08-21-20
More results

Similar Description - 45133

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
IAM-G41 MITSUMI-IAM-G41 Datasheet
79Kb / 2P
Ultra Mini Serial Connectors
logo
American Accurate Compo...
JXWBGF-T-2-800-6000 AAC-JXWBGF-T-2-800-6000 Datasheet
62Kb / 1P
Ultra Broadband Power Divider (SMA Connectors)
logo
Molex Electronics Ltd.
39-29-6148 MOLEX11-39-29-6148 Datasheet
50Kb / 2P
Mini-Fit Jr.??Power Connectors
39-30-1039 MOLEX11-39-30-1039 Datasheet
40Kb / 2P
Mini-Fit Jr.??Power Connectors
0451330403 MOLEX1-0451330403 Datasheet
48Kb / 1P
Ultra-Fit to Ultra-Fit Off-the-Shelf (OTS) Cable Assembly, Dual Row, 300.00mm Length
0451340401 MOLEX1-0451340401 Datasheet
50Kb / 1P
Ultra-Fit to Ultra-Fit Off-the-Shelf (OTS) Cable Assembly, Dual Row, 150.00mm Length,
ATS-639041600 MOLEX-ATS-639041600 Datasheet
647Kb / 5P
Fine Adjust Applicator for ULTRA-FIT Terminals
12-01-15
987651-1008 MOLEX-987651-1008 Datasheet
692Kb / 2P
Ultra-Fit Power Connectors 3.50mm Pitch
2019.06
PS-172323-0001 MOLEX-PS-172323-0001 Datasheet
1Mb / 23P
PRODUCT SPECIFICATION FOR ULTRA-FIT CONNECTOR SYSTEM
06/29/2021
797582142 MOLEX-797582142 Datasheet
148Kb / 1P
ULTRA FIT TIN PLATED 300MM 16AWG
2019/07/16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com