Electronic Components Datasheet Search
  English  ▼

X  

MSS2105 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # MSS2105
Description  21 Voice ROM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS2105 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  MSS2105 Datasheet HTML 1Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1/1
(PID 248*** 08/96)
MSS2105
21" Voice ROM
August 1996
See 27-page data sheet PID 248*** 08/96 for details which belongs to MSS6605.
Taiwan
#1, Creation Road I,
Science - based Industrial Park,
Hsinchu, 30077
Taiwan, ROC
"audio_reply @ccmail.mosel.com.tw"
TEL: 886-3-5770055
FAX: 886-3-5772788
FAX: 886-3-5784732
Taipei
7F, #102 Sec. 3,
Ming Chung E. Road,
Taipei,105
Taiwan, ROC
TEL: 886-2-5451213
FAX: 886-2-5451214
Hongkong
#19 Dai
Fu Street,
Taipo Industrial Estate,
Taipo, N.T.
Hongkong
TEL: 852-2388-8277(MKO)
TEL: 852-2665-4883
FAX: 852-2664-2406
FAX: 852-2770-8011(MKO)
U.S.A.
#3910 North First Street,
San Jose,
CA. 65134-1501
U.S.A.
TEL: 1-408-433-6000
FAX: 1-408-433-0952
Specifications subject to change without notice, contact your sales representatives for the most recent information.
MOSEL VITELIC INC.
Single power can operate at 2.4V through 6.0V.
Current output could drive 8 ohm speaker with a
transistor, Vout could drive buzzer directly.
The voice content is stored up to 21 seconds at
5.8 KHz (20000h) for S6605 and can be separated to
128 sections. See next page for other device's data.
Duration of each section can be different and is
multiples of 100h.
Total duration of all 128 sections with mute is up
to 96 seconds (80000h).
The voice content can be accessed in "Sentence"
type on KeyBoard (KBD) and Matrix(MTX) modes.
Up
to
50
Sentences
for
KeyBoard,
56
Sentences for Matrix modes.
Each sentence is composed of one or more than
one section(s).
Automatic power down .
Three addressing interface modes are provided for
versatile applications: CPU, KBD and MTX.
KeyBoard addressing mode:
a. 50
sentences
can
be
accessed
by
15
addressing input dual-tree type trigger.
b. Sentence is numbered by 00 through 49.
c. 5 input pins on D-tree (D0-D4) tells the 1st digit
(0 through 4), another 10 input pins on S-tree
(S0-S9) tells the 2nd digit (0 through 9). By these
two digits,all 50 sentences can be accessed.
d. With 2nd digit only also can access a sentence.
e. Section is located and numbered by 0 through 127.
f. Total section number of all sentences is up to 256.
Matrix addressing mode:
a. 56
sentences
can
be
accessed
by
8x7
wiring matrix.
b. Sentence is numbered by 00 through 55.
c. Section is located and numbered by 0 through
127.
d. Total section number of all sentences is up to
256.
CPU addressing mode:
a. 128 sections can be accessed by 7 address bits
with an enable strobe trigger.
b. Section is located and numbered by 00 through
127 .
Power on trigger play is available by bonding VSS and
trigger together.
A dedicate LED output pin with 6 Hz flash is
provided to tell the audio status.
Playall
function (OKY) plays
all up to 64
defined
sentences one by one by single trigger.
Playnext (sequential) function (OKY) : one trigger
plays
next
sentence
of
up to 64
defined
sentences circularly.
Random-play function (OKY) : one trigger plays one
of 64 defined sentences randomly.
Continue sequence(PLAYNEXT):The first OKY trigger
after any addressing will keep current sequence
continuously.
Home sequence(PLAYNEXT):The first OKY trigger
after any addressing will return the sequence to the
first sentence.
Automatically ramp up & ramp down.
Sound Sentence & quality could be emulated on 9009
board.
Features


Similar Part No. - MSS2105

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS2105 MOSEL-MSS2105 Datasheet
336Kb / 27P
21/32/43/60 VOICE ROM
MSS2105-1 MOSEL-MSS2105-1 Datasheet
336Kb / 27P
21/32/43/60 VOICE ROM
More results

Similar Description - MSS2105

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
2.7 VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
3 VOICE ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
VOICE ROM
MSS2105-1 MOSEL-MSS2105-1 Datasheet
336Kb / 27P
21/32/43/60 VOICE ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
32 Voice ROM
MSS4305 MOSEL-MSS4305 Datasheet
7Kb / 1P
43 Voice ROM
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
1-Mbit Serial Voice ROM
logo
Aplus Intergrated Circu...
AP8821 APLUS-AP8821 Datasheet
112Kb / 13P
21 sec VOICE OTP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com