Electronic Components Datasheet Search
  English  ▼

X  

DEM-9P Datasheet(PDF) 1 Page - ITT Industries

Part # DEM-9P
Description  D*M High reliable D-Sub Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM-9P Datasheet(HTML) 1 Page - ITT Industries

  DEM-9P Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet for part number DEM-9P
Our Catalog Part Number: DEM-9P
Our Global Manufacturing Part Number: 053516-0012
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
Product Datasheet
General
D*M High reliable D-Sub Connectors
Wire Gauge Range AWG
AWG 20-28
Mating Cycles
200
Contact Arrangement
9 contacts size 20
Dielectric Withstanding Voltage
1000 VAC at sea level
Current Rating
7.5 A max
Contact Resistance
7.5 milli Ohm max
Operating Temperature
-55°/+125°
Salt Spray Test
20 hours
Shell Material
Steel
Shell Finish
Yellow chromate over zinc
Insulator Material
Thermoplastic, type PCT UL 94V-0
Insulator Color
black
Gender
Pin
Contact Type
Solder Pot
Contact Material
copper alloy
Contact Finish
Gold flash (4-10 microinch) over 100 microinch nickel
Hardware
.120'' (3,05mm) Through Hole
Specifications and dimensions subject to change.
Page 1 of 1


Similar Part No. - DEM-9P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DEM-9P-A101 ITT-DEM-9P-A101 Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
DEM-9P-NMB-76 ITT-DEM-9P-NMB-76 Datasheet
9Mb / 301P
D Subminiature Connectors
DEM-9P-NMB-K52 ITT-DEM-9P-NMB-K52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DEM-9P-NMC-K52 ITT-DEM-9P-NMC-K52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
logo
Japan Aviation Electron...
DEM-9PR JAE-DEM-9PR Datasheet
127Kb / 3P
D-sub Connector, Cable side connector, 9 pos., Pin
More results

Similar Description - DEM-9P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
051520-0026 ITT-051520-0026 Datasheet
35Kb / 1P
D*M High reliable D-Sub Connectors
051521-0027 ITT-051521-0027 Datasheet
35Kb / 1P
D*M High reliable D-Sub Connectors
051522-0026 ITT-051522-0026 Datasheet
36Kb / 1P
D*M High reliable D-Sub Connectors
051522-0044 ITT-051522-0044 Datasheet
35Kb / 1P
D*M High reliable D-Sub Connectors
051523-0000 ITT-051523-0000 Datasheet
35Kb / 1P
D*M High reliable D-Sub Connectors
051523-0036 ITT-051523-0036 Datasheet
35Kb / 1P
D*M High reliable D-Sub Connectors
051524-0000 ITT-051524-0000 Datasheet
35Kb / 1P
D*M High reliable D-Sub Connectors
051524-0044 ITT-051524-0044 Datasheet
35Kb / 1P
D*M High reliable D-Sub Connectors
051525-0044 ITT-051525-0044 Datasheet
35Kb / 1P
D*M High reliable D-Sub Connectors
051529-0016 ITT-051529-0016 Datasheet
35Kb / 1P
D*M High reliable D-Sub Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com