Electronic Components Datasheet Search
  English  ▼

X  

DEM2WK2S Datasheet(PDF) 1 Page - ITT Industries

Part # DEM2WK2S
Description  D-Subminiature offering mixed layouts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM2WK2S Datasheet(HTML) 1 Page - ITT Industries

  DEM2WK2S Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet for part number DEM2WK2S
Our Catalog Part Number: DEM-2WK2S
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
Product Datasheet
General
Combo D Series: D-Subminiature offering mixed
layouts
Wire Gauge Range AWG
AWG 8-26
Contact Arrangement
2WK2 (2 empty size 8 cavities)
Dielectric Withstanding Voltage
500 VAC at sea level
Current Rating Signal Contacts
7.5 max
Operating Temperature
-55°/+125°
Salt Spray Test
20 hours
Shell Material
steel
Shell Finish
Yellow chromate over zinc
Insulator Material
Thermoplastic, type PCT UL 94V-0
Insulator Color
black
Gender
Socket
Contacts
delivery without size 8 contacts, please order
separately
Mounting Method
.120'' (3,05mm) Through Hole
Specifications and dimensions subject to change.
Page 1 of 1


Similar Part No. - DEM2WK2S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DEM2WK2SA197 ITT-DEM2WK2SA197 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DEM2WK2SNMBK52 ITT-DEM2WK2SNMBK52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DEM2WK2S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
051523-0116 ITT-051523-0116 Datasheet
35Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
051526-0001 ITT-051526-0001 Datasheet
35Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
051527-0006 ITT-051527-0006 Datasheet
35Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
053512-1270 ITT-053512-1270 Datasheet
35Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
053513-1602 ITT-053513-1602 Datasheet
35Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
053513-1722 ITT-053513-1722 Datasheet
35Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
053514-1618 ITT-053514-1618 Datasheet
34Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
053515-1144 ITT-053515-1144 Datasheet
34Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
053515-1372 ITT-053515-1372 Datasheet
41Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
DBME-17W2P-K87 ITT-DBME-17W2P-K87 Datasheet
34Kb / 1P
combo D Series: D-Subminiature offering mixed layouts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com