Electronic Components Datasheet Search
  English  ▼

X  

PMV6 Datasheet(PDF) 2 Page - E-SWITCH

Part # PMV6
Description  PMV6 Series Anti-vandal Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PMV6 Datasheet(HTML) 2 Page - E-SWITCH

  PMV6 Datasheet HTML 1Page - E-SWITCH PMV6 Datasheet HTML 2Page - E-SWITCH PMV6 Datasheet HTML 3Page - E-SWITCH PMV6 Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-switch.com
800.867.2717
2
PMV6 Series Anti-vandal Switch
Recomended Panel Cutout
SHEET OF
1
3
2/10/2021
PMV6 Catalog Drawing
SPST, ON-(ON)
( ) DENOTES
MOMENTARY
1
2
3
19.80
[.780 in]
15.00
[.591 in]
3.30
[.130 in]
18.50
[.728 in]
500.010.0
19.7.4 in
[
]
TERMINAL 3
TERMINAL 2
TERMINAL 1
(3) WIRE, 20 AWG,
AWM UL3385 WITH
ENDS PRE-STRIPPED
AND TINNED
M16 X 1.0
10.00
[.394 in]
1.20
[.047 in]
SWITCH
WIRE
LENGTH
SW1-1
WIRE, 20AWG AWM UL3385, GREEN
500.0 [19.7 in]
SW1-2
WIRE, 20AWG AWM UL3385, BLUE
500.0 [19.7 in]
SW1-3
WIRE, 20AWG AWM UL3385, BLACK
500.0 [19.7 in]
16.00
- .00
.20
+
.630 -.000
.008
+
in
[
]
3.01.0
.1.0 in
[
]
Body Dimensions
SPDT Off-(On)
SPST Schematic
FUNCTION - 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com