Electronic Components Datasheet Search
  English  ▼

X  

WM22 Datasheet(PDF) 1 Page - AUER Signal GmbH

Part # WM22
Description  Modul-Compete 50 modular Signal tower
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUERSIGNAL [AUER Signal GmbH]
Direct Link  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

WM22 Datasheet(HTML) 1 Page - AUER Signal GmbH

  WM22 Datasheet HTML 1Page - AUER Signal GmbH WM22 Datasheet HTML 2Page - AUER Signal GmbH WM22 Datasheet HTML 3Page - AUER Signal GmbH WM22 Datasheet HTML 4Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Modul-Compete 50 modular Signal tower
• Cost-optimised modular 50 mm Ø signal tower
• for classic 24V DC applications in industry
• Up to 5 positions possible
• Low soiling due to flat-flush smooth exterior design
• Maximum product availability due to minimum
number of articles (only 23 order numbers)
• LED multifunction and LED continuous light modules
in 6 colours
• Efficient sound module selectable up to 95 dB – 8 tones
• Optimised ‘resilient’ bayonet system enables high stability,
even without sealing rings
• five-pole M12 base with automatic contacting
push-in system
• All common mounting types
Technical DaTa
Housing
Ø 50 mm, black (RAL 9005)
Lens
Polycarbonate, ribbed inside
Type of mounting
horizontal, vertical, Tube mounting or NPT 1/2"
Beacon type
LED steady light, flashing light,
strobe light and double strobe light
Light source
LEDs
Tone
see tone table
Volume
95 dB
Duty cycle
100 %
Service life
Light source: 100.000 h
Number of possible modules
max. 5
Operating temperature
30 °C / +60 °C
Operating temperature
-30°C / +60°C
Degree of protection
IP65 & UL Type 4/4x/13
Impact resistance
IK07
Weight (modules)
26-149 g
M O D U l aR S i Gnal TOWe R
iK 07
+60°c
-30°c
iP65
Modul-Compete 50


Similar Part No. - WM22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM22-DIN ETC2-WM22-DIN Datasheet
244Kb / 10P
Energy Management Power Analyzer with plug-in Output Modules
WM22-DINAV0AOA1 ETC2-WM22-DINAV0AOA1 Datasheet
244Kb / 10P
Energy Management Power Analyzer with plug-in Output Modules
WM22-DINAV0AXA1 ETC2-WM22-DINAV0AXA1 Datasheet
244Kb / 10P
Energy Management Power Analyzer with plug-in Output Modules
WM22-DINAV0BOA1 ETC2-WM22-DINAV0BOA1 Datasheet
244Kb / 10P
Energy Management Power Analyzer with plug-in Output Modules
WM22-DINAV0BXA1 ETC2-WM22-DINAV0BXA1 Datasheet
244Kb / 10P
Energy Management Power Analyzer with plug-in Output Modules
More results

Similar Description - WM22

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
RM4850 CANDD-RM4850 Datasheet
250Kb / 4P
50 AMP MODULAR SWITCHED MODE RECTIFIER
logo
List of Unclassifed Man...
USC-DIN ETC2-USC-DIN Datasheet
399Kb / 12P
Digital Panel Meters Modular signal conditioner
LE-502FBW-RYGBC ETC2-LE-502FBW-RYGBC Datasheet
239Kb / 2P
Signal Tower
logo
Infineon Technologies A...
DD500S65K3 INFINEON-DD500S65K3 Datasheet
414Kb / 7P
hochisolierendes Modul
V3.2 2018-01-15
DD750S65K3 INFINEON-DD750S65K3 Datasheet
413Kb / 7P
hochisolierendes Modul
V3.1 2018-01-15
DD800S33K2C INFINEON-DD800S33K2C Datasheet
225Kb / 6P
IGBT-Modul
2016-06-17 revision:V3.0
DD1200S45KL3-B5 INFINEON-DD1200S45KL3-B5 Datasheet
415Kb / 7P
hochisolierendes Modul
V3.1 2018-01-15
logo
Banner Engineering Corp...
TL70 BANNER-TL70_V01 Datasheet
382Kb / 4P
TL70 Modular Tower Light
logo
Contec Co., Ltd
CPS-PAV-AE01-EU CONTEC-CPS-PAV-AE01-EU Datasheet
541Kb / 3P
Signal Tower Monitoring
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4646-X654 VACUUMSCHMELZE-T60404-N4646-X654 Datasheet
147Kb / 4P
50 A Current Sensor modul for 5V-Supply Voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com