Electronic Components Datasheet Search
  English  ▼

X  

MDA206G Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MDA206G
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MDA206G Datasheet(HTML) 1 Page - Rectron Semiconductor

  MDA206G Datasheet HTML 1Page - Rectron Semiconductor MDA206G Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low cost
* Low leakage
* Low forward voltage
* Mounting position: Any
* Weight: 1.26 grams
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MDA200G
THRU
MDA210G
RS-1
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
SILICON BRIDGE RECTIFIER
Dimensions in inches and (millimeters)
2005-3
REV: A
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TSTG
VRMS
Volts
Volts
Volts
Amps
2.0
50
-55 to + 150
Amps
0 C
UNITS
T J
-55 to + 150
0 C
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
MDA200G MDA201G MDA202G MDA204G MDA206G MDA208G MDA210G
Maximum Average Forward Output Current at TA = 50
oC
Storage Temperature Range
50
100
200
400
600
800
1000
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
1
mAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 100
oC
MDA200G MDA201G MDA202G MDA204G MDA206G MDA208G MDA210G
DC Blocking Voltage per element
Element at 3.14A DC
5.0
uAmps
.414 (10.5)
.374 (9.5)
.035 (0.9) DIA
.360 (9.1)
.320 (8.1)
.390
MIN.
(9.9)
.160 (4.1)
.140 (3.6)
.650 (16.5)
.610 (15.5)
.161 (4.1)
.150 (3.8)
.050
(1.27)
SPACING
.028 (0.7) TYP.
AC
MECHANICAL DATA
Typical Thermal Resistance from junction to ambient
Typical Thermal Resistance from junction to case
R
θ JC
R
θ JA
0C/W
Note: ”Fully ROHS compliant”,”100% Sn plating(Pb-free).
40
13


Similar Part No. - MDA206G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA206G RECTRON-MDA206G Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
More results

Similar Description - MDA206G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
4RS201M RECTRON-4RS201M Datasheet
100Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU8A GENESIC-GBU8A_16 Datasheet
346Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBU10J GENESIC-GBU10J_16 Datasheet
333Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC3506TW GENESIC-GBPC3506TW_16 Datasheet
341Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC15005TW GENESIC-GBPC15005TW_16 Datasheet
352Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G_16 Datasheet
312Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBP206G GENESIC-KBP206G_16 Datasheet
354Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com