Electronic Components Datasheet Search
  English  ▼

X  

PVL10FLS41 Datasheet(PDF) 7 Page - E-SWITCH

Part # PVL10FLS41
Description  PVL Series Pilot Indicator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVL10FLS41 Datasheet(HTML) 7 Page - E-SWITCH

  PVL10FLS41 Datasheet HTML 1Page - E-SWITCH PVL10FLS41 Datasheet HTML 2Page - E-SWITCH PVL10FLS41 Datasheet HTML 3Page - E-SWITCH PVL10FLS41 Datasheet HTML 4Page - E-SWITCH PVL10FLS41 Datasheet HTML 5Page - E-SWITCH PVL10FLS41 Datasheet HTML 6Page - E-SWITCH PVL10FLS41 Datasheet HTML 7Page - E-SWITCH PVL10FLS41 Datasheet HTML 8Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.e-switch.com
800.867.2717
7
PVL Series Pilot Indicator
Wire Lead Options
SHEET OF
8
9
8/27/2019
PVL Catalog Drawing
MAX. PANEL THICKNESS 6.0 [.24 in]
MAX. PANEL THICKNESS 6.0 [.24 in]
+
1
+
-
2
-
+
1
+
-
2
-
ILLUMINATED
5.00
[.197 in]
11.50
[.453 in]
SW1-2
SW1-1
M10 X 0.75
THREAD
19.50
[.768 in]
150.05.0
5.9.2 in
[
]
SW1-2
SW1-1
M12 X 1.0
THREAD
20.20
[.795 in]
150.05.0
5.9.2 in
[
]
ILLUMINATED
8.00
[.315 in]
13.50
[.531 in]
ADAPTER
WIRE
LENGTH
SW1-1
WIRE, 24 AWG AWM UL1007, BLACK
150.0 [5.9 in]
SW1-2
WIRE, 24 AWG AWM UL1007, BLACK
150.0 [5.9 in]
10.20
[.402 in]
12.20
[.480 in]
ADAPTER
WIRE
LENGTH
SW1-1
WIRE, 24 AWG AWM UL1007, BLACK
150.0 [5.9 in]
SW1-2
WIRE, 24 AWG AWM UL1007, BLACK
150.0 [5.9 in]
4.02.0
.2.1 in
[
]
4.02.0
.2.1 in
[
]
PVL12
Recommended Panel Cutout
Schematic
Recommended Panel Cutout
Schematic
PVL10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com