Electronic Components Datasheet Search
  English  ▼

X  

MIC5322 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5322
Description  Dual, High Performance 150mA 關Cap ULDO?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5322 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5322 Datasheet HTML 1Page - Micrel Semiconductor MIC5322 Datasheet HTML 2Page - Micrel Semiconductor MIC5322 Datasheet HTML 3Page - Micrel Semiconductor MIC5322 Datasheet HTML 4Page - Micrel Semiconductor MIC5322 Datasheet HTML 5Page - Micrel Semiconductor MIC5322 Datasheet HTML 6Page - Micrel Semiconductor MIC5322 Datasheet HTML 7Page - Micrel Semiconductor MIC5322 Datasheet HTML 8Page - Micrel Semiconductor MIC5322 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Micrel, Inc.
MIC5322
March 2008
2
M9999-030608-A
Ordering Information
Part number
Manufacturing
Part Number
Marking
(1)
Voltage
(2)
Junction
Temp. Range
Package
MIC5322-2.8/1.5YMT
MIC5322-MFYMT
VMF
2.8V/1.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5322-2.8/1.8YMT
MIC5322-MGYMT
VMG
2.8V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5322-2.85/2.85YMT
MIC5322-NNYMT
VNN
2.85V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5322-3.0/2.8YMT
MIC5322-PMYMT
VPM
3.0V/2.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5322-3.0/2.85YMT
MIC5322-PNYMT
VPN
3.0V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5322-3.0/3.0YMT
MIC5322-PPYMT
VPP
3.0V/3.0V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
Notes:
1. Pin 1 identifier = ▲
2. For other voltage options. Contact Micrel Marketing for details.
Pin Configuration
1
VIN
GND
BYP
6
VOUT1
VOUT2
EN
5
4
2
3
6-Pin 1.6mm x 1.6mm Thin MLF
® (MT)
Top View
Pin Description
Pin Number
Thin MLF-6
Pin Name
Pin Function
1
VIN
Supply Input.
2
GND
Ground
3
BYP
Reference Bypass: Connect external 0.01µF to GND to reduce output noise.
May be left open.
4
/EN
Enable Input (both regulators): Active Low Input. Logic High = OFF; Logic Low = ON; Do
not leave floating.
5
VOUT2
Regulator Output – LDO2
6
VOUT1
Regulator Output – LDO1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com