Electronic Components Datasheet Search
  English  ▼

X  

SA58640 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA58640
Description  Low-voltage mixer FM IF system
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58640 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA58640 Datasheet HTML 1Page - NXP Semiconductors SA58640 Datasheet HTML 2Page - NXP Semiconductors SA58640 Datasheet HTML 3Page - NXP Semiconductors SA58640 Datasheet HTML 4Page - NXP Semiconductors SA58640 Datasheet HTML 5Page - NXP Semiconductors SA58640 Datasheet HTML 6Page - NXP Semiconductors SA58640 Datasheet HTML 7Page - NXP Semiconductors SA58640 Datasheet HTML 8Page - NXP Semiconductors SA58640 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
9397 750 14161
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 01 — 1 November 2004
3 of 16
Philips Semiconductors
SA58640
Low-voltage mixer FM IF system
7.2 Pin description
8.
Functional description
The SA58640 is an IF signal processing system suitable for second IF systems with input
frequency as high as 100 MHz. The bandwidth of the IF amplifier and limiter is at least
2 MHz with 90 dB of gain. The gain/bandwidth distribution is optimized for 455 kHz,
1.5 k
: source applications. The overall system is well-suited to battery operation as well
as and high quality products of all types.
The input stage is a Gilbert cell mixer with oscillator. Typical mixer characteristics include
a noise figure of 7.0 dB, conversion gain of 17 dB, and input third-order intercept of
10 dBm. The oscillator will operate in excess of 100 MHz in LC tank configurations.
Hartley or Colpitts circuits can be used up to 100 MHz for XTAL configurations.
The output impedance of the mixer is a 1.5 k
: resistor permitting direct connection to a
455 kHz ceramic filter. The input resistance of the limiting IF amplifiers is also 1.5 k
:. With
most 455 kHz ceramic filters and many crystal filters, no impedance matching network is
necessary. The IF amplifier has 44 dB of gain and 5.5 MHz bandwidth. The IF limiter has
58 dB of gain and 4.5 MHz bandwidth. To achieve optimum linearity of the log signal
strength indicator, there must be a 12 dB(V)1 insertion loss between the first and second
IF stages. If the IF filter or interstage network does not cause 12 dB(V) insertion loss, a
Table 2:
Pin description
Symbol
Pin
Description
RF IN+
1
positive RF mixer input
RF IN
 DECOUPLING
2
negative RF mixer input, decoupling
OSCOUT
3
oscillator output (emitter)
OSCIN
4
oscillator input (base)
RSSI OUT
5
RSSI amplifier output
VCC
6
positive supply
AUDIO FEEDBACK
7
audio amplifier negative input, feedback
AUDIO OUT
8
audio amplifier output
RSSI FEEDBACK
9
RSSI amplifier negative input, feedback
QUADRATURE IN
10
quadrature detector input
LIMITER OUT
11
limiter amplifier output
LIMITER DECOUPLING
12
limiter decoupling
LIMITER DECOUPLING
13
limiter decoupling
LIMITER IN
14
limiter amplifier input
GND
15
ground
IF AMP OUT
16
IF amplifier output
IF AMP DECOUPLING
17
IF amplifier decoupling
IF AMP IN
18
IF amplifier input
IF AMP DECOUPLING
19
IF amplifier decoupling
MIXER OUT
20
mixer output
1.
dB(V) = 20log Vo/Vi.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com