Electronic Components Datasheet Search
  English  ▼

X  

MIC5333 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5333
Description  Micro-Power High Performance Dual 300mA ULDO??with Dual POR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5333 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5333 Datasheet HTML 1Page - Micrel Semiconductor MIC5333 Datasheet HTML 2Page - Micrel Semiconductor MIC5333 Datasheet HTML 3Page - Micrel Semiconductor MIC5333 Datasheet HTML 4Page - Micrel Semiconductor MIC5333 Datasheet HTML 5Page - Micrel Semiconductor MIC5333 Datasheet HTML 6Page - Micrel Semiconductor MIC5333 Datasheet HTML 7Page - Micrel Semiconductor MIC5333 Datasheet HTML 8Page - Micrel Semiconductor MIC5333 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC5333
February 2008
3
M9999-021408-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)............................................. 0V to +6V
Enable Input Voltage (VEN1, VEN2) .......................... 0V to VIN
POR Voltage (VPOR1, VPOR2) ................................. 0V to +6V
Power Dissipation .................................. Internally Limited
(3)
Lead Temperature (soldering, 3sec.)......................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Sensitive
(4)
Operating Ratings
(2)
Supply Voltage (VIN)..................................... +2.3V to +5.5V
Enable Input Voltage (VEN1, VEN2) .......................... 0V to VIN
POR Voltage (VPOR1, VPOR2) .............................. 0V to +5.5V
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
2.5mm x 2.5mm Thin MLF-10 (
θJA) ...................75°C/W
Electrical Characteristics
(5)
VIN = VEN1 = VEN2 = VOUT + 1.0V, higher of the two regulator outputs; IOUT1 = IOUT2 = 100µA; COUT1 = COUT2 = 1µF;
TJ = 25°C, bold values indicate –40°C < TJ < +125°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Variation from nominal VOUT
–1.0
+1.0
%
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +125°C
–2.0
+2.0
%
Line Regulation
VIN = VOUT +1V to 5.5V; IOUT = 100µA
0.02
0.3
0.6
%/V
%/V
Load Regulation
IOUT = 100µA to 300mA
0.2
0.5
%
Dropout Voltage
IOUT = 50mA
IOUT = 300mA
20
120
40
240
mV
mV
Ground Current
VEN1 = High; VEN2 = Low; IOUT = 100µA to 300mA
VEN1 = Low; VEN2 = High; IOUT = 100µA to 300mA
VEN1 = VEN2 = High; IOUT1= 300mA, IOUT2 = 300mA
25
25
40
50
50
75
µA
µA
µA
Ground Current in Shutdown
VEN1 = VEN2 < 0.2V
0.01
1.0
µA
Ripple Rejection
f = 1kHz; COUT = 2.2µF
f = 20kHz; COUT = 2.2µF
65
45
dB
dB
Current Limit
VOUT = 0V
350
550
800
mA
Output Voltage Noise
COUT=1µF; 10Hz to 100kHz
50
µVRMS
Enable Inputs (EN1/EN2 )
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.01
1.0
µA
Enable Input Current
VIH ≥ 1.2V
0.01
1.0
µA
Turn-on Time
Turn-on Time (LDO1 and 2)
COUT = 1µF (Enable of First LDO)
COUT = 1µF (Enable of Second LDO after First Enabled)
140
110
500
500
µs
µs
POR1/POR2 Output
Low Threshold, % of VOUT (POR ON)
88
%
VTH
High Threshold, % of VOUT (POR OFF)
98
%
VOL
POR Output Logic Low Voltage; IL = 250µA
0.02
0.1
V
IPOR
POR Leakage Current, POR OFF
–1.0
0.01
+1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com