Electronic Components Datasheet Search
  English  ▼

X  

M45PE40 Datasheet(PDF) 22 Page - Numonyx B.V

Part # M45PE40
Description  4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE40 Datasheet(HTML) 22 Page - Numonyx B.V

Back Button M45PE40 Datasheet HTML 18Page - Numonyx B.V M45PE40 Datasheet HTML 19Page - Numonyx B.V M45PE40 Datasheet HTML 20Page - Numonyx B.V M45PE40 Datasheet HTML 21Page - Numonyx B.V M45PE40 Datasheet HTML 22Page - Numonyx B.V M45PE40 Datasheet HTML 23Page - Numonyx B.V M45PE40 Datasheet HTML 24Page - Numonyx B.V M45PE40 Datasheet HTML 25Page - Numonyx B.V M45PE40 Datasheet HTML 26Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Instructions
M45PE40
22/46
6.6
Read Data Bytes at Higher Speed (FAST_READ)
The device is first selected by driving Chip Select (S) Low. The instruction code for the Read
Data Bytes at Higher Speed (FAST_READ) instruction is followed by a 3-byte address (A23-
A0) and a dummy byte, each bit being latched-in during the rising edge of Serial Clock (C).
Then the memory contents, at that address, is shifted out on Serial Data Output (Q), each
bit being shifted out, at a maximum frequency fC, during the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 11.
The first byte addressed can be at any location. The address is automatically incremented
to the next higher address after each byte of data is shifted out. The whole memory can,
therefore, be read with a single Read Data Bytes at Higher Speed (FAST_READ)
instruction. When the highest address is reached, the address counter rolls over to
000000h, allowing the read sequence to be continued indefinitely.
The Read Data Bytes at Higher Speed (FAST_READ) instruction is terminated by driving
Chip Select (S) High. Chip Select (S) can be driven High at any time during data output. Any
Read Data Bytes at Higher Speed (FAST_READ) instruction, while an Erase, Program or
Write cycle is in progress, is rejected without having any effects on the cycle that is in
progress.
Figure 11.
Read Data Bytes at Higher Speed (FAST_READ) instruction sequence
and data-out sequence
1.
Address bits A23 to A19 are Don’t Care.
C
D
AI04006
S
Q
23
2
1
3456789 10
28 29 30 31
22 21
3210
High Impedance
Instruction
24 BIT ADDRESS
0
C
D
S
Q
32 33 34
36 37 38 39 40 41 42 43 44 45 46
765432
0
1
DATA OUT 1
Dummy Byte
MSB
7
6543210
DATA OUT 2
MSB
MSB
7
47
765432
0
1
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com