Electronic Components Datasheet Search
  English  ▼

X  

8206000000 Datasheet(PDF) 1 Page - Insulated Tools Ltd

Part # 8206000000
Description  9PC GENERAL PURPOSE TOOL KIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITL [Insulated Tools Ltd]
Direct Link  https://www.insulatedtools.co.uk/
Logo ITL - Insulated Tools Ltd

8206000000 Datasheet(HTML) 1 Page - Insulated Tools Ltd

  8206000000 Datasheet HTML 1Page - Insulated Tools Ltd 8206000000 Datasheet HTML 2Page - Insulated Tools Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT DATA SHEET
PRODUCT CODE:
DESCRIPTION:
9PC GENERAL PURPOSE TOOL KIT
METAL MATERIAL:
INSULATION MATERIAL: NYLON THERMOPLASTIC
various
IEC60900, CATEGORY ‘C’, VDE
UNITED KINGDOM
8206000000
330
140
140
1700
5052269000050
COUNTRY OF ORIGIN:
LENGTH (MM):
WIDTH (MM):
DEPTH (MM):
WEIGHT (G):
COMMODITY CODE:
EAN:
SPECIFICATION:
00005


Similar Part No. - 8206000000

ManufacturerPart #DatasheetDescription
logo
Insulated Tools Ltd
8206000000 ITL-8206000000 Datasheet
5Mb / 2P
29PC FARADAY TOOL KIT - METRIC
8206000000 ITL-8206000000 Datasheet
1Mb / 2P
3/8” DRIVE 13 PC TORQUE WRENCH SET
More results

Similar Description - 8206000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC210A ETC2-LC210A Datasheet
630Kb / 7P
General Purpose DMM Kit
logo
Pasternack Enterprises,...
PE5SC3001 PASTERNACK-PE5SC3001 Datasheet
579Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3002 PASTERNACK-PE5SC3002 Datasheet
583Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3003 PASTERNACK-PE5SC3003 Datasheet
580Kb / 6P
3.5mm Female General Purpose Calibration Kit
PE5TR1000 PASTERNACK-PE5TR1000 Datasheet
490Kb / 5P
3.5mm Female General Purpose Calibration Kit
PE5TR1001 PASTERNACK-PE5TR1001 Datasheet
492Kb / 5P
3.5mm Male General Purpose Calibration Kit
logo
PHOENIX CONTACT
1212422 PHOENIX-1212422 Datasheet
63Kb / 3P
Tool set - TOOL-KIT STANDARD
logo
Molex Electronics Ltd.
ATS-192900007 MOLEX-ATS-192900007 Datasheet
271Kb / 3P
HHL Tool Kit
10-31-14
ATS-192900010 MOLEX-ATS-192900010 Datasheet
267Kb / 3P
HHL Tool Kit
10-31-14
ATS-192900750 MOLEX-ATS-192900750 Datasheet
250Kb / 3P
HHL Tool Kit
11-15-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com