Electronic Components Datasheet Search
  English  ▼

X  

56340 Datasheet(PDF) 4 Page - Klein Tools, Inc.

Part # 56340
Description  REDESIGNED FOR THE ELECTRICIAN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

56340 Datasheet(HTML) 4 Page - Klein Tools, Inc.

  56340 Datasheet HTML 1Page - Klein Tools, Inc. 56340 Datasheet HTML 2Page - Klein Tools, Inc. 56340 Datasheet HTML 3Page - Klein Tools, Inc. 56340 Datasheet HTML 4Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Cat. No
UPC 0-92644+ Tape Material
Tape Length End/Leader
Overall Dimensions
Weight
56331
56331-7
Steel
50-ft (15 m)
Double-Loop
1.2" x 7.6" x 8.8" (3.0 x 19.2 x 22.4 cm)
1.5 lb (680.4g)
56333
56333-1
Steel
120-ft (37 m)
Double-Loop
1.9" x 12.4" x 16.2" (4.7 x 31.4 x 41.2 cm)
5.0 lb (2.3 kg)
56334
56334-8
Steel
240-ft (73 m)
Double-Loop
1.9" x 12.4" x 16.2" (4.7 x 31.4 x 41.2 cm)
7.9 lb (3.6 kg)
56340
56340-9
Stainless Steel
125-ft (38 m)
Double-Loop
1.9" x 12.4" x 16.2" (4.7 x 31.4 x 41.2 cm)
5.1 lb (2.3 kg)
56341
56341-6
Stainless Steel
240-ft (73 m)
Double-Loop
1.9" x 12.4" x 16.2" (4.7 x 31.4 x 41.2 cm)
7.9 lb (3.6 kg)
56350
56350-8
Fiberglass
50-ft (15 m)
Spiral Steel Leader
1.9" x 12.4" x 16.2" (4.7 x 31.4 x 41.2 cm)
2.8 lb (1.3 kg)
56351
56351-5
Fiberglass
100-ft (30 m)
Spiral Steel Leader
1.9" x 12.4" x 16.2" (4.7 x 31.4 x 41.2 cm)
3.4 lb (1.5 kg)
56380
56380-5
Multi-Groove Fiberglass
100-ft (30 m)
Spiral Steel Leader
1.9" x 12.4" x 16.2" (4.7 x 31.4 x 41.2 cm)
3.4 lb (1.5 kg)
56382
56382-9
Multi-Groove Fiberglass
50-ft (15 m)
Nylon Eyelet
1.9" x 12.4" x 16.2" (4.7 x 31.4 x 41.2 cm)
2.7 lb (1.2 kg)
56383
56383-6
Multi-Groove Fiberglass
100-ft (30 m)
Nylon Eyelet
1.9" x 12.4" x 16.2" (4.7 x 31.4 x 41.2 cm)
3.3 lb (1.5 kg)
KLEIN HAS THE RIGHT FISH TAPE FOR YOUR
INDUSTRIAL, COMMERCIAL, RESIDENTIAL
AND VDV WIRE INSTALLATIONS.
www.kleintools.com
See our complete line of Wire Pulling Tools
© 2019 Klein Tools, Inc.
Lincolnshire, IL 60069
82876 Rev. 10/19 A
Cat. Nos. 56331, 56333, 56334, 56340, 56341 -- U.S. Pat.: 8164025; 8168921; 8212178; 9895773; 10099316
PROUDLY MADE IN USA
with Global Components



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com